Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV07-08 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # HV07-08
Description  HIGH VOLTAGE RECTIFIER ASSEMBLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

HV07-08 Datasheet(HTML) 2 Page - Frontier Electronics.

  HV07-08 Datasheet HTML 1Page - Frontier Electronics. HV07-08 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HV07-08 THRU HV07-16
Page: 2
10
1.0
.1
.01
RATINGS AND CHARACTERISTICS HV07-08 THRU HV07-16
FIG. 1 - FORWARD CURRENT
DERATING CURVE
750
600
450
300
150
0
0
50
100
150
CASE TEMPERATURE,
FIG. 3 - PEAK FORWARD SURGE RATING
1
10
100
NUMBER OF CYCLES AT 60HZ
FIG. 2 - TYPICAL REVERSE
CHARACTERISTICS 25
℃ T
A
FIG. 4 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
1000
100
10
1
0
2.0
4.0
6.0
8.0
10
12
14
16
INSTANTANEOUS FORWARD VOLTAGE
VOLTS
HV07-12
HV07-14~
HV07-16
100
10
1
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE
VOLTS


Similar Part No. - HV07-08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HV07-08 ETC1-HV07-08 Datasheet
123Kb / 2P
750 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
logo
RFE international
HV07-08 RFE-HV07-08 Datasheet
78Kb / 1P
LEADED (THRU-HOLE) High Voltage Rectifiers
More results

Similar Description - HV07-08

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
KMO EDI-KMO Datasheet
49Kb / 2P
HIGH VOLTAGE RECTIFIER ASSEMBLIES
HTD EDI-HTD Datasheet
41Kb / 2P
Operation High Voltage Rectifier Assemblies
KHP EDI-KHP Datasheet
57Kb / 2P
KILOVOLT HIGH CURRENT RECTIFIER ASSEMBLIES
KVP5 EDI-KVP5 Datasheet
49Kb / 2P
KILOVOLT RECTIFIER ASSEMBLIES
logo
Powerex Power Semicondu...
PAA6T6200620 POWEREX-PAA6T6200620 Datasheet
1Mb / 2P
Rectifier & SCR Assemblies
logo
Microsemi Corporation
EFH3016 MICROSEMI-EFH3016 Datasheet
70Kb / 1P
HIGH VOLTAGE ENCAPSULATED ASSEMBLIES EF HALF WAVE SERIES
EFH16 MICROSEMI-EFH16 Datasheet
70Kb / 1P
HIGH VOLTAGE ENCAPSULATED ASSEMBLIES EF HALF WAVE SERIES
K3420B1EB1S MICROSEMI-K3420B1EB1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
logo
Diodes Incorporated
R1500 DIODES-R1500 Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
logo
List of Unclassifed Man...
R1200F ETC-R1200F Datasheet
89Kb / 2P
HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com