Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E-064064-10-9 Datasheet(PDF) 48 Page - Tyco Electronics

Part # E-064064-10-9
Description  Label format - Old format order code cross reference
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

E-064064-10-9 Datasheet(HTML) 48 Page - Tyco Electronics

Back Button E-064064-10-9 Datasheet HTML 40Page - Tyco Electronics E-064064-10-9 Datasheet HTML 41Page - Tyco Electronics E-064064-10-9 Datasheet HTML 42Page - Tyco Electronics E-064064-10-9 Datasheet HTML 43Page - Tyco Electronics E-064064-10-9 Datasheet HTML 44Page - Tyco Electronics E-064064-10-9 Datasheet HTML 45Page - Tyco Electronics E-064064-10-9 Datasheet HTML 46Page - Tyco Electronics E-064064-10-9 Datasheet HTML 47Page - Tyco Electronics E-064064-10-9 Datasheet HTML 48Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 48 page
background image
133
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
LE/LM/LEB2 Polyester labels
Laser
Ordering information
LE
Product
Package
Labels
Labels
Label width (A)
Label height (B)
Horizontal repeat (C)
Vertical repeat (D)
order code
quantity
across
per sheet
mm
inches
mm
inches
mm
inches
mm
inches
314-LE
4,000
16
400
9.5
0.375
9.5
0.375
12.7
0.500
9.5
0.375
301-LE
4,800
10
480
16.5
0.650
5.1
0.200
20.3
0.800
5.1
0.200
303-LE
3,040
8
304
20.3
0.800
6.4
0.250
25.4
1.000
6.4
0.250
304-LE
1,520
8
152
20.3
0.800
12.7
0.500
25.4
1.000
12.7
0.500
309-LE
2,660
7
266
25.4
1.000
6.4
0.250
27.9
1.100
6.4
0.250
305-LE
1,750
7
175
25.4
1.000
9.5
0.375
27.9
1.100
9.5
0.375
307-LE
1,330
7
133
25.4
1.000
12.7
0.500
27.9
1.100
12.7
0.500
310-LE
1,900
5
190
38.1
1.500
6.4
0.250
40.6
1.600
6.4
0.250
308-LE
600
5
60
38.1
1.500
19.1
0.750
40.6
1.600
19.1
0.750
318-LE
400
4
40
50.8
2.000
25.4
1.000
50.8
2.000
25.4
1.000
319-LE
100
2
10
76.2
3.000
50.8
2.000
88.9
3.500
50.8
2.000
325-LE
10
1
1
215.9
8.500
279.4
11.000
N/A
N/A
N/A
N/A
LM
Product
Package
Labels
Labels
Label width (A)
Label height (B)
Horizontal repeat (C)
Vertical repeat (D)
order code
quantity
across
per sheet
mm
inches
mm
inches
mm
inches
mm
inches
314-LM
4,000
16
400
9.5
0.375
9.5
0.375
12.7
0.500
9.5
0.375
301-LM
4,800
10
480
16.5
0.650
5.1
0.200
20.3
0.800
5.1
0.200
303-LM
3,040
8
304
20.3
0.800
6.4
0.250
25.4
1.000
6.4
0.250
304-LM
1,520
8
152
20.3
0.800
12.7
0.500
25.4
1.000
12.7
0.500
309-LM
2,660
7
266
25.4
1.000
6.4
0.250
27.9
1.100
6.4
0.250
305-LM
1,750
7
175
25.4
1.000
9.5
0.375
27.9
1.100
9.5
0.375
307-LM
1,330
7
133
25.4
1.000
12.7
0.500
27.9
1.100
12.7
0.500
310-LM
1,900
5
190
38.1
1.500
6.4
0.250
40.6
1.600
6.4
0.250
308-LM
600
5
60
38.1
1.500
19.1
0.750
40.6
1.600
19.1
0.750
318-LM
400
4
40
50.8
2.000
25.4
1.000
50.8
2.000
25.4
1.000
319-LM
100
2
10
76.2
3.000
50.8
2.000
88.9
3.500
50.8
2.000
325-LM
10
1
1
215.9
8.500
279.4
11.000
N/A
N/A
N/A
N/A
LEB2
Product
Labels
Label height
Label width
Labels
Labels
order code
per sheet
mm
inches
mm
inches
per column
per row
LEB2-0615P <color>
480
6.0
0.236
15.0
0.590
48
10
LEB2-0818P <color>
324
8.0
0.315
18.0
0.709
36
9
LEB2-0820P <color>
288
8.0
0.315
20.0
0.787
36
8
LEB2-0825P <color>
252
8.0
0.315
25.0
0.984
36
7
LEB2-0916P <color>
320
9.0
0.354
16.0
0.630
32
10
LEB2-1318P <color>
198
13.0
0.512
18.0
0.709
22
9
LEB2-1325P <color>
154
13.0
0.512
25.0
0.984
22
7
Sheet sizes
LE, LM
8.5
" x 11"
LEB2
A4
Options (LEB2 only)
Colors
Yellow
White
Silver
Code
4
9
8A


Similar Description - E-064064-10-9

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC3004 SILAN-SC3004 Datasheet
197Kb / 9P
INFRARED REMOTE CONTROL TRANSMITTER OF 3004 CODE FORMAT
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
SC50462 SILAN-SC50462 Datasheet
299Kb / 11P
INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
SC9243 SILAN-SC9243 Datasheet
1,015Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
SC9244 SILAN-SC9244 Datasheet
259Kb / 11P
REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
Output Data Format
07/14/15
logo
ILLUMINANT CO., LTD
IB1206N-6FWL-217 ILLUMINANT-IB1206N-6FWL-217 Datasheet
51Kb / 1P
Display Format: 128X64
IG0903N-6FBD-183 ILLUMINANT-IG0903N-6FBD-183 Datasheet
54Kb / 1P
Display Format: 96X32
logo
AverLogic Technologies ...
AL360A AVERLOGIC-AL360A Datasheet
2Mb / 25P
Video Format Converter
logo
Littelfuse
D10-59050-030-1 LITTELFUSE-D10-59050-030-1 Datasheet
18Kb / 1P
UPDATE DRAWING FORMAT
AN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com