Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E-064064-10-9 Datasheet(PDF) 47 Page - Tyco Electronics

Part # E-064064-10-9
Description  Label format - Old format order code cross reference
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

E-064064-10-9 Datasheet(HTML) 47 Page - Tyco Electronics

Back Button E-064064-10-9 Datasheet HTML 40Page - Tyco Electronics E-064064-10-9 Datasheet HTML 41Page - Tyco Electronics E-064064-10-9 Datasheet HTML 42Page - Tyco Electronics E-064064-10-9 Datasheet HTML 43Page - Tyco Electronics E-064064-10-9 Datasheet HTML 44Page - Tyco Electronics E-064064-10-9 Datasheet HTML 45Page - Tyco Electronics E-064064-10-9 Datasheet HTML 46Page - Tyco Electronics E-064064-10-9 Datasheet HTML 47Page - Tyco Electronics E-064064-10-9 Datasheet HTML 48Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
132
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
LE/LM/LEB2 Polyester labels
Laser
Ordering information
LE
Tyco Electronics LE is a white polyester film with a permanent acrylic
adhesive and a special top-coat designed specifically for use with
laser and ink jet printers. It is ideal for bar coding, PCB and
component labeling, and general labeling applications requiring a
white high durability label. LE offers high print resolution as well as
good solvent and smudge resistance.
LM
Tyco Electronics LM is a metalized polyester film with a permanent
acrylic adhesive and a special top-coat designed specifically for
use with laser and ink jet printers. It is ideal for rating plate
applications and other applications that require a ”metal look” such
as nameplates and equipment labels to detail product information
and serial numbers.
Note: On large label formats, some curl may occur on printing due
to duration of time in the laser printer.
LEB2
LEB2, our A4 size symmetrically-designed laser and ink jet labels,
guarantee a proper feeding in the paper tray. The label sheet can
be used in both directions and is also usable for the stack function
of your printer. The sheets can be used several times if partial label
amounts need to be printed. Special surface coatings guarantee
an extremely high aging-resistance of the printing image.
Features and benefits
I Laser printable
I Exceptional durability and tear strength
I Suitable for low volume applications
I Excellent for bar code applications
I Good resistance to common fluids and water
I LM metalized appearance is ideal for rating plate applications.
I LEB2 features symmetrical design – can be printed on from
both top sides
Specifications/Approvals
Tyco Electronics
LE
TTDS-069
LM
TTDS-070
Industry
UL
LM
MH14363 Group PGGU2
Adhesive
Permanent acrylic
Service temperature
–40°C to +150°C
–40°F to +302°F


Similar Description - E-064064-10-9

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC3004 SILAN-SC3004 Datasheet
197Kb / 9P
INFRARED REMOTE CONTROL TRANSMITTER OF 3004 CODE FORMAT
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
SC50462 SILAN-SC50462 Datasheet
299Kb / 11P
INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
SC9243 SILAN-SC9243 Datasheet
1,015Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
SC9244 SILAN-SC9244 Datasheet
259Kb / 11P
REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
Output Data Format
07/14/15
logo
ILLUMINANT CO., LTD
IB1206N-6FWL-217 ILLUMINANT-IB1206N-6FWL-217 Datasheet
51Kb / 1P
Display Format: 128X64
IG0903N-6FBD-183 ILLUMINANT-IG0903N-6FBD-183 Datasheet
54Kb / 1P
Display Format: 96X32
logo
AverLogic Technologies ...
AL360A AVERLOGIC-AL360A Datasheet
2Mb / 25P
Video Format Converter
logo
Littelfuse
D10-59050-030-1 LITTELFUSE-D10-59050-030-1 Datasheet
18Kb / 1P
UPDATE DRAWING FORMAT
AN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com