Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E-064064-10-9 Datasheet(PDF) 27 Page - Tyco Electronics

Part # E-064064-10-9
Description  Label format - Old format order code cross reference
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

E-064064-10-9 Datasheet(HTML) 27 Page - Tyco Electronics

Back Button E-064064-10-9 Datasheet HTML 23Page - Tyco Electronics E-064064-10-9 Datasheet HTML 24Page - Tyco Electronics E-064064-10-9 Datasheet HTML 25Page - Tyco Electronics E-064064-10-9 Datasheet HTML 26Page - Tyco Electronics E-064064-10-9 Datasheet HTML 27Page - Tyco Electronics E-064064-10-9 Datasheet HTML 28Page - Tyco Electronics E-064064-10-9 Datasheet HTML 29Page - Tyco Electronics E-064064-10-9 Datasheet HTML 30Page - Tyco Electronics E-064064-10-9 Datasheet HTML 31Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
112
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Kapton® labels
Thermal Transfer
Tyco Electronics polyimide (Kapton
®) labels are all ideal for high
temperature labeling requirements such as printed circuit boards.
They are suitable for direct wave (bottom side) and IR reflow (top
side) PCB applications. Tyco Electronics Kapton
® labels are
designed to withstand the fluxes, cleaning solvents and molten
solder encountered in the manufacture of printed circuit boards.
They offer excellent contrast for bar code applications. Tyco
Electronics Kapton
® labels are suitable for the harshest high
temperature applications. For reliable print performance and
durability, use with Tyco Electronics’s 1330-0619 ribbon.
Features and benefits
I UL Listed: T1K and T2K
I Thermal transfer printable
I High temperature permanent acrylic adhesive
T1K
I Gloss white topcoat
I Withstands surface mount board processes on either the top or
bottom side of the board
I Low profile 1 mil film offers polyimide thermal
performance at competitive cost
I Ideal for manual apply applications
T2K
I Gloss white topcoat
I Withstands surface mount board processes on either the top or
bottom side of the board
I Ideal for auto apply applications
KTT
I Matte tan topcoat
I Withstands surface mount board processes on either
the top or bottom side of the board
I Product approved for aerospace/defense applications.
I Low outgassing
TSK
I High opacity gloss white topcoat
I Withstands surface mount board processes on either the top or
bottom side of the board
I Deemed to be a static safe product in accordance with EIA 625,
EIA 541. Test methods employed were in accordance with
EOS/ESD S11.11
I Ideal for auto apply applications
Specifications/Approvals
Tyco Electronics
T1K
TTDS--034
T2K
TTDS--035
TSK
TTDS--085
Industry
UL
T1K
MH17292 Group PGJI2
T2K
MH17292 Group PGJI2
Adhesive
Permanent acrylic
Service temperature
T1K
1, T2K2,
–40°C to +260°C
–40°F to +500°F
TSK
2, KTT2
1
Flash exposure to +472°C (+800°F)
2
Flash exposure to +538°C (+1000°F)
Recommended printer
T1K, T2K, TSK, T2Y
T312S*
KTT
Recommended ribbon 1330-0619-10*
* Alternative printers and ribbons are available for
special applications. Contact Tyco Electronics
Identification for more information.
T1K- 044033-10 - 9
Part numbering system
Color
Pack size
Label height (mm)
Label width (mm)
Product family


Similar Description - E-064064-10-9

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC3004 SILAN-SC3004 Datasheet
197Kb / 9P
INFRARED REMOTE CONTROL TRANSMITTER OF 3004 CODE FORMAT
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
SC50462 SILAN-SC50462 Datasheet
299Kb / 11P
INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
SC9243 SILAN-SC9243 Datasheet
1,015Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
SC9244 SILAN-SC9244 Datasheet
259Kb / 11P
REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
Output Data Format
07/14/15
logo
ILLUMINANT CO., LTD
IB1206N-6FWL-217 ILLUMINANT-IB1206N-6FWL-217 Datasheet
51Kb / 1P
Display Format: 128X64
IG0903N-6FBD-183 ILLUMINANT-IG0903N-6FBD-183 Datasheet
54Kb / 1P
Display Format: 96X32
logo
AverLogic Technologies ...
AL360A AVERLOGIC-AL360A Datasheet
2Mb / 25P
Video Format Converter
logo
Littelfuse
D10-59050-030-1 LITTELFUSE-D10-59050-030-1 Datasheet
18Kb / 1P
UPDATE DRAWING FORMAT
AN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com