Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E-064064-10-9 Datasheet(PDF) 19 Page - Tyco Electronics

Part # E-064064-10-9
Description  Label format - Old format order code cross reference
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

E-064064-10-9 Datasheet(HTML) 19 Page - Tyco Electronics

Back Button E-064064-10-9 Datasheet HTML 15Page - Tyco Electronics E-064064-10-9 Datasheet HTML 16Page - Tyco Electronics E-064064-10-9 Datasheet HTML 17Page - Tyco Electronics E-064064-10-9 Datasheet HTML 18Page - Tyco Electronics E-064064-10-9 Datasheet HTML 19Page - Tyco Electronics E-064064-10-9 Datasheet HTML 20Page - Tyco Electronics E-064064-10-9 Datasheet HTML 21Page - Tyco Electronics E-064064-10-9 Datasheet HTML 22Page - Tyco Electronics E-064064-10-9 Datasheet HTML 23Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
104
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
WV White vinyl labels
Thermal Transfer
Ordering information
Tyco Electronics WV is a thermal transfer printable, flexible white
vinyl film with a permanent acrylic adhesive. It offers excellent
conformability to round, irregular or flexible surfaces, and is ideal
for wire and cable identification, including flat ribbon cables that
are subject to repeated bending. WV is resistant to oil, mild
solvents, water and outdoor exposure. For reliable print
performance and durability use with Tyco Electronics
1330-0607 ribbon.
Features and benefits
I Thermal transfer printable
I High tack adhesive bonds to most substrates including painted
metal and low surface energy plastics such as polyethylene
Specifications
TTDS -090
Adhesive
Permanent acrylic high initial tack
Service temperature
–40°C to +80°C
–40°F to +176°F
Recommended printer T300 Series printers
Recommended ribbon 1330-0607-10*
*Alternative printers and ribbons are available for special
applications. Contact Tyco Electronics Identification for
more information.
WV- 080080-10- 9
Part numbering system
Color
Pack size
Label height (mm)
Label width (mm)
Product family
Product dimensions
Product
Package
Labels
Label width (A)
Label height (B)
Horizontal repeat (C)
Vertical repeat (D)
Web width (E)
order code
quantity
across
mm
inches
mm
inches
mm
inches
mm
inches
mm
inches
WV-040040-25-9
25,000
20
4.0
0.157
4.0
0.157
4.0
0.157
7.2
0.281
86.0
3.380
* WV-080080-10-9
10,000
8
8.0
0.315
8.0
0.315
9.9
0.390
13.3
0.525
83.3
3.280
WV-089047-10-9
10,000
5
8.9
0.350
4.7
0.185
11.4
0.450
7.9
0.313
60.6
2.386
WV-095080-25-9
25,000
5
9.5
0.375
8.0
0.315
12.2
0.480
12.7
0.500
64.3
2.531
WV-095095-10-9
10,000
7
9.5
0.375
9.5
0.375
11.1
0.437
12.7
0.500
82.1
3.230
WV-127111-10-9
10,000
5
12.7
0.500
11.1
0.437
16.8
0.662
14.3
0.563
86.0
3.380
** N
NO
OT
TE
E:: S
Stta
an
nd
da
arrd
d F
Fo
orrm
ma
att N
No
ott C
Co
om
mp
pa
attiib
blle
e w
wiitth
h T
T2
20
00
0 P
Prriin
ntte
errss


Similar Description - E-064064-10-9

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC3004 SILAN-SC3004 Datasheet
197Kb / 9P
INFRARED REMOTE CONTROL TRANSMITTER OF 3004 CODE FORMAT
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
SC50462 SILAN-SC50462 Datasheet
299Kb / 11P
INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
SC9243 SILAN-SC9243 Datasheet
1,015Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
SC9244 SILAN-SC9244 Datasheet
259Kb / 11P
REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
Output Data Format
07/14/15
logo
ILLUMINANT CO., LTD
IB1206N-6FWL-217 ILLUMINANT-IB1206N-6FWL-217 Datasheet
51Kb / 1P
Display Format: 128X64
IG0903N-6FBD-183 ILLUMINANT-IG0903N-6FBD-183 Datasheet
54Kb / 1P
Display Format: 96X32
logo
AverLogic Technologies ...
AL360A AVERLOGIC-AL360A Datasheet
2Mb / 25P
Video Format Converter
logo
Littelfuse
D10-59050-030-1 LITTELFUSE-D10-59050-030-1 Datasheet
18Kb / 1P
UPDATE DRAWING FORMAT
AN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com