Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0035.1340 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0035.1340
Description  LED-Holder SRL (for T1 LED)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0035.1340 Datasheet(HTML) 1 Page - Schurter Inc.

  0035.1340 Datasheet HTML 1Page - Schurter Inc. 0035.1340 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCHURTER GmbH • Tel.: ++ 49 7642 682 0 • Fax: ++49 7642 8820 • e-mail: info@schurter.de • Internet: www.schurter.de
83
LED-Holder SRL (for T1 LED)
LED-Fassung SRL (für 3mm LED)
Ausführungen
Models
Abmessungen
Dimensions
Bohrplan
Drilling diagram
Artikelnummer
Part Number
Farbe
Colour
0035.1340
rot
red
0035.1341
grün
green
0035.1342
gelb
yellow
gewünschte Farbe ankreuzen
select your colour
0035.1350
rot
red
0035.1351
grün
green
0035.1352
gelb
yellow
0035.1360
rot
red
0035.1361
grün
green
0035.1362
gelb
yellow
1. Elektrische Kennwerte / Electrical data
2. Sonstige Kennwerte / Other data
Lötbarkeit / Solderability
max. 2s < 235 °C ( IEC 68 2-20 Test Ta Methode 1 )
Lötwärmebeständigkeit / Soldering heat resistance
max. 5s < 260 °C ( IEC 68 2-20 Test Tb Methode 1A )
Umgebungstemperatur / Ambient temperature
-25°C ... +85°C
Lagertemperatur / Storage temperature
-55°C ... +100°C
3. Werkstoffe / Materials
Thermoplast
Technische Daten der LED 0925.0029/30/67 siehe S.100/101 / Technical data LED 0925.0029/30/67 see p.100/101
Sockel / Socket
SRL
SRL
SRL
New specification from 1.7.2011*
TechNical DaTa leDs
1. Maximum Ratings
LED old
leD new*
LED old
leD new*
LED old
leD new*
internal part number
0925.9730
0925.9731
0925.9732
light colour
red
red
green
green
yellow
yellow
Forward current Dc
I
F max. [mA]
40
30
40
30
40
30
Power dissipation
P
totmax. [mW]
130
100
130
100
130
100
2. characteristics (typ. at T
u=25°c)
Forward Voltage
at I
F =10mA, UF typ. [V]
2.0 (<2.6)
2 at 20ma
2.0 (<2.6)
2.4 at 20ma
2.0 (<2.6)
2.4 at 20ma
luminous intensity
at I
F =10mA, Iv typ. [mcd]
11.2 - 28
6.3 to…
18 - 45
6.3 to…
11.2 - 28
6.3 to…
Viewing angle
typ. [degree]
50
60
50
60
50
60
Peak wave lenght
typ. [nm]
635
635
565
565
586
585
Reverse voltage
U
r typ. [V]
5
6
5
6
5
6


Similar Part No. - 0035.1340

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0035.1980 SCHURTER-0035.1980 Datasheet
33Kb / 1P
LED-Fassung LML (fur 3mm LED)
0035.1981 SCHURTER-0035.1981 Datasheet
33Kb / 1P
LED-Fassung LML (fur 3mm LED)
0035.1982 SCHURTER-0035.1982 Datasheet
33Kb / 1P
LED-Fassung LML (fur 3mm LED)
More results

Similar Description - 0035.1340

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0035.9675.4 SCHURTER-0035.9675.4 Datasheet
118Kb / 3P
LED-Holder ASL (for T 1 LED)
logo
Molex Electronics Ltd.
1804160104 MOLEX10-1804160104 Datasheet
51Kb / 1P
LED Array Holder for Citizen CLL040
logo
P-tec Corporation
PL03-CDR12 P-TEC-PL03-CDR12 Datasheet
29Kb / 1P
3mm (T1) LED
PL03-CDR21 P-TEC-PL03-CDR21 Datasheet
29Kb / 1P
3mm (T1) LED
logo
List of Unclassifed Man...
H-280C ETC2-H-280C Datasheet
119Kb / 1P
BI-LEVEL T1 (3mm) TRI LEAD LED HOLDER
logo
Schurter Inc.
AST SCHURTER-AST Datasheet
350Kb / 4P
LED Holder for 3 mm and 5 mm LED
logo
SparkFun Electronics
COM-11841 SPARKFUN-COM-11841 Datasheet
200Kb / 1P
LED Holder - 10mm
5??5??7
logo
Schurter Inc.
AST SCHURTER-AST_V02 Datasheet
360Kb / 4P
LED Holder for 3 mm and 5 mm LED
04.01.2022
logo
Bivar, Inc.
909-235BK BIVAR-909-235BK Datasheet
163Kb / 1P
SINGLE T1 3/4(5mm) LED HOLDER
04/24/03
909-235NT BIVAR-909-235NT Datasheet
163Kb / 1P
SINGLE T1 3/4(5mm) LED HOLDER
04/24/03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com