Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX0430 Datasheet(PDF) 3 Page - Elektron Components Ltd.

Part # FX0430
Description  FUSEHOLDERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

FX0430 Datasheet(HTML) 3 Page - Elektron Components Ltd.

  FX0430 Datasheet HTML 1Page - Elektron Components Ltd. FX0430 Datasheet HTML 2Page - Elektron Components Ltd. FX0430 Datasheet HTML 3Page - Elektron Components Ltd. FX0430 Datasheet HTML 4Page - Elektron Components Ltd. FX0430 Datasheet HTML 5Page - Elektron Components Ltd. FX0430 Datasheet HTML 6Page - Elektron Components Ltd. FX0430 Datasheet HTML 7Page - Elektron Components Ltd. FX0430 Datasheet HTML 8Page - Elektron Components Ltd. FX0430 Datasheet HTML 9Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.elektron-bulgin.com
149
FUSEHOLDERS
FX0460
FX0430/63
Protection Category PC3
Fuse Size 5 x 20mm
Panel Sizes 1.0, 1.5, 2.0 and
3.0mm
Captive Drawer
10A, 250V (16A, 250V UL)
2.8, 4.8 or 6.3 tabs
Protection Category PC3
Fuse Size 5 x 20mm
Screw Cap/Screwdriver
Release
Captive Fuse Carrier
10A, 250V (16A, 250V UL)
Specification
FX0430/Termination
FX0430/PC
FX0460
Fuse Size:
5 x 20mm
5 x 20mm
5 x 20mm
Fuse Carrier:
Captive Drawer
Captive Drawer
Screw cap/Screwdriver release
Terminations:
/28 (2.8mm solder), /48 (4.8mm tab),
/PC (PC spills)
Solder tags
/63 (6.3mm tab)
Max. Rating:
10A, 250V (16A, 250V a.c. UL)
10A, 250V (16A, 250V a.c. UL)
10A, 250V (16A, 250V a.c. UL)
Max. Power Dissipation:
2.5W (@ 23ºC)
2.5W (@ 23ºC)
1.6W (@ 23ºC)
Insulation Resistance:
>10M
Ω @ 500V d.c.
>10M
Ω @ 500V d.c.
>10M
Ω @ 500V d.c.
A.C. Breakdown:
>2kV
>2kV
>2kV
Contact Resistance:
<10m
<10m
<10m
Operating Temp:
–20˚C to +85˚C
–20˚C to +85˚C
–20˚C to +85˚C
(ambient air temp + fuse temp rise)
(ambient air temp + fuse temp rise)
(ambient air temp + fuse temp rise)
Mouldings:
Body/Drawer:
Nylon UL94V-0 rated
Nylon UL94V-0 rated
Polyester UL94V-0 rated
Cap:
Nylon UL94V-0 rated
Nut:
Glass Filled Nylon UL94V-0 rated
Contacts:
Contact tags: Brass, Tin Plated
Contact tags: Brass, Tin Plated
Brass, Silver Plated
Fuse Clips: Phospher Bronze, Nickel Plated
Fuse Clips: Phospher Bronze, Nickel Plated
Approvals:
Accessories:
P.No. 11327 (See page 163)
Note:
See page 164 for PC version
Compliant
Compliant
Compliant
Panel/PC Mounting Captive Carriers Touchproof, PC3
SNAP FIT TO PANEL
PANEL MOUNT
RoHS
FX0430/PC
Protection Category PC3
Fuse Size 5 x 20mm
Panel Sizes 1.0, 1.5, 2.0 and
3.0mm
Captive Drawer
10A, 250V (16A, 250V UL)
PC spills
SNAP FIT TO PANEL
pending
FuseHolSection - 2010:FuseHolSection - 2005_iss2
8/6/10
17:02
Page 149


Similar Part No. - FX0430

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
FX0430/63 BULGIN-FX0430/63 Datasheet
108Kb / 1P
Panel/PC Mounting Captive Carriers Touchproof, PC3
FX0430/PC BULGIN-FX0430/PC Datasheet
108Kb / 1P
Panel/PC Mounting Captive Carriers Touchproof, PC3
More results

Similar Description - FX0430

ManufacturerPart #DatasheetDescription
logo
Littelfuse
519 LITTELFUSE-519 Datasheet
89Kb / 1P
MINIATURE FUSEHOLDERS
647 LITTELFUSE-647 Datasheet
91Kb / 1P
MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
146Kb / 1P
MINIATURE FUSEHOLDERS
logo
Dubilier
DBCFH14 DUBILIER-DBCFH14 Datasheet
100Kb / 1P
FUSEHOLDERS PANEL MOUNTING FUSEHOLDERS
logo
Littelfuse
02982001Z LITTELFUSE-02982001Z Datasheet
120Kb / 1P
Fuseholders
1520007Z LITTELFUSE-1520007Z Datasheet
89Kb / 1P
Fuseholders
153002 LITTELFUSE-153002 Datasheet
191Kb / 2P
FUSEHOLDERS
04450715H LITTELFUSE-04450715H Datasheet
64Kb / 1P
Fuseholders
03450101HX010 LITTELFUSE-03450101HX010 Datasheet
204Kb / 3P
Fuseholders
logo
Cooper Bussmann, Inc.
HHX COOPER-HHX Datasheet
59Kb / 1P
Fuseholders
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com