Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3118D2DAPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3118D2DAPR
Description  15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3118D2DAPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPA3118D2DAPR Datasheet HTML 10Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 11Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 12Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 13Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 14Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 15Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 16Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 17Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
U1
TPA3116D2
MODSEL
1
SDZ
2
FAULTZ
3
INPR
4
INNR
5
PLIMIT
6
GVDD
7
GAIN/SLV
8
GND
9
INPL
10
INNL
11
MUTE
12
AM2
13
AM1
14
AM0
15
SY NC
16
PVCC
32
PVCC
31
BSPR
30
OUTPR
29
GND
28
OUTNR
27
BSNR
26
GND
25
BSPL
24
OUTPL
23
GND
22
OUTNL
21
BSNL
20
PVCC
19
PVCC
18
AVCC
17
PVCC DECOUPLING
C17
220nF
2
1
PVCC DECOUPLING
C16
220nF
2
1
C13 1uF
2
1
C58 100nF
2
1
C29
680nF
L7
10uH
1
2
R10 3.3R
1
2
L8
10uH
1
2
C28
680nF
L9
10uH
1
2
C57
10nF
R12
20k
L10
10uH
1
2
C38
10nF
R14 100k
1
2
C25
220uF
C26
680nF
R18
3.3R
C40
10nF
R17
3.3R
C41
1nF
C32
1nF
C11
1uF
2
1
C22
220uF
GND
C21
100nF
C20
1nF
C31
1nF
R15
3.3R
C33
1nF
R16
3.3R
C19
220nF
2
1
C30
1nF
C27
680nF
C34
10nF
C37
10nF
IN_P_LEFT
IN_N_RIGHT
IN_N_LEFT
IN_P_RIGHT
GND
PVCC
GND
GND
GND
GND
GND
GND
GND
GND
-
+
+
-
PVCC
C14 1uF
2
1
R11
100k
MUTE_LR
OUTPUT LC FILTER
R13
100k
C15
1uF
EMI C-RC SNUBBER
C24
100nF
GND
PVCC
C18
220nF
2
1
GND
/SD_LR
PVCC
C23
1nF
GND
C12
1uF
2
1
R73
10k
C42
220nF
2
1
L15
10uH
1
2
L16
10uH
1
2
R21
75k
R22
100k
C50
220uF
C51
1uF
C35
1uF
2
1
GND
C47
220uF
C46
100nF
C45
1nF
C54
1nF
R23
3.3R
R24
3.3R
C44
220nF
2
1
C53
1nF
C52
1uF
C55
10nF
C56
10nF
IN_P_SUB
IN_N_SUB
GND
GND
GND
GND
-
+
PVCC
MUTE_SUB
R20
47k
OUTPUT LC FILTER
R19
100k
C39
1uF
C49
100nF
EMI C-RC SNUBBER
PVCC
C43
220nF
2
1
PVCC
/SD_SUB
C48
1nF
GND
C36
1uF
2
1
GND
U2
TPA3116D2
MODSEL
1
SDZ
2
FAULTZ
3
INPR
4
INNR
5
PLIMIT
6
GVDD
7
GAIN/SLV
8
GND
9
INPL
10
INNL
11
MUTE
12
AM2
13
AM1
14
AM0
15
SY NC
16
PVCC
32
PVCC
31
BSPR
30
OUTPR
29
GND
28
OUTNR
27
BSNR
26
GND
25
BSPL
24
OUTPL
23
GND
22
OUTNL
21
BSNL
20
PVCC
19
PVCC
18
AVCC
17
PVCC DECOUPLING
C43
220nF
2
1
PVCC DECOUPLING
4R
4R
2R
TPA3116D2
TPA3118D2
TPA3130D2
SLOS708B – APRIL 2012 – REVISED MAY 2012
www.ti.com
DEVICE INFORMATION
TYPICAL APPLICATION
Figure 27. Schematic
A 2.1 solution, U1 TPA3116D2 in Master mode 400 kHz, BTL, gain if 20 dB, power limit not implemented. U2 in
Slave, PBTL mode gain of 20dB. Inputs are connected for differential inputs.
In the following sections the TPA3116D2, TPA3118D2, and TPA3130D2 are referred to as: TPA31xxD2 family.
14
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPA3116D2 TPA3118D2 TPA3130D2


Similar Part No. - TPA3118D2DAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2DAPR TI1-TPA3118D2DAPR Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3118D2DAPR TI-TPA3118D2DAPR Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

Similar Description - TPA3118D2DAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
[Old version datasheet]   4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
   15W stereo filter-free class D audio power amplifier
logo
Microsemi Corporation
LX1725 MICROSEMI-LX1725 Datasheet
377Kb / 23P
   15W15W Stereo Class-D Amplifier Filterless 30W Mono in BTL
logo
STMicroelectronics
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
   15W 15W Stereo Class-D Amplifier
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
   15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
   15W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com