Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3118D2DAPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3118D2DAPR
Description  15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3118D2DAPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA3118D2DAPR Datasheet HTML 6Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 7Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 8Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 9Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 10Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 11Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 12Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 13Page - Texas Instruments TPA3118D2DAPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
0
5
10
15
20
25
30
35
40
45
50
4
6
8
10
12
14
16
18
20
22
24
26
Supply Voltage (V)
THD+N = 1%
THD+N = 10%
Gain = 26dB
TA = 25°C
RL = 8Ω
G015
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
4
6
8
10
12
14
16
18
20
22
24
26
Supply Voltage (V)
THD+N = 1%
THD+N = 10%
Gain = 26dB
TA = 25°C
RL = 4Ω
G016
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
45
50
Output Power (W)
PVCC = 6V
PVCC =12V
PVCC = 24V
Gain = 26dB
TA = 25°C
RL = 8Ω
G017
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
45
50
Output Power (W)
PVCC = 6V
PVCC = 12V
PVCC = 24V
Gain = 26dB
TA = 25°C
RL = 4Ω
G018
TPA3116D2
TPA3118D2
TPA3130D2
SLOS708B – APRIL 2012 – REVISED MAY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
fs = 400 kHz, BD Mode (unless otherwise noted)
MAXIMUM OUTPUT POWER (BTL)
MAXIMUM OUTPUT POWER (BTL)
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 13.
Figure 14.
POWER EFFICIENCY (BTL)
POWER EFFICIENCY (BTL)
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 15.
Figure 16.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPA3116D2 TPA3118D2 TPA3130D2


Similar Part No. - TPA3118D2DAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2DAPR TI1-TPA3118D2DAPR Datasheet
2Mb / 43P
Filter-Free Class-D Stereo Amplifier Family
TPA3118D2DAPR TI-TPA3118D2DAPR Datasheet
2Mb / 45P
15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

Similar Description - TPA3118D2DAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
Filter-Free Class-D Stereo Amplifier Family
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
15W stereo filter-free class D audio power amplifier
logo
Microsemi Corporation
LX1725 MICROSEMI-LX1725 Datasheet
377Kb / 23P
15W15W Stereo Class-D Amplifier Filterless 30W Mono in BTL
logo
STMicroelectronics
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
15W 15W Stereo Class-D Amplifier
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
15W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com