Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2906C Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2906C
Description  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2906C Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM2906C Datasheet HTML 6Page - Texas Instruments PCM2906C Datasheet HTML 7Page - Texas Instruments PCM2906C Datasheet HTML 8Page - Texas Instruments PCM2906C Datasheet HTML 9Page - Texas Instruments PCM2906C Datasheet HTML 10Page - Texas Instruments PCM2906C Datasheet HTML 11Page - Texas Instruments PCM2906C Datasheet HTML 12Page - Texas Instruments PCM2906C Datasheet HTML 13Page - Texas Instruments PCM2906C Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.010
30
35
40
45
50
fS – Sampling Frequency – kHz
G005
85
87
89
91
93
95
30
35
40
45
50
fS – Sampling Frequency – kHz
SNR
Dynamic Range
G006
0.003
0.004
0.005
0.006
0.007
0.008
−50
−25
0
25
50
75
100
TA – Free-Air Temperature – °C
G007
90
91
92
93
94
95
96
97
98
−50
−25
0
25
50
75
100
TA – Free-Air Temperature – °C
SNR
Dynamic Range
G008
PCM2906C
SBFS037
– NOVEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS: ADC (continued)
All specifications at TA = +25°C, VBUS = 5 V, fs = 44.1 kHz, fIN = 1 kHz, 16-bit data, using REG103xA-A, unless otherwise
noted.
TOTAL HARMONIC DISTORTION + NOISE AT
–1 dB
DYNAMIC RANGE and SNR
vs
vs
SAMPLING FREQUENCY
SAMPLING FREQUENCY
Figure 5.
Figure 6.
TYPICAL CHARACTERISTICS: DAC
All specifications at TA = +25°C, VBUS = 5 V, fs = 44.1 kHz, fIN = 1 kHz, 16-bit data, using REG103xA-A, unless otherwise
noted.
TOTAL HARMONIC DISTORTION + NOISE AT 0 dB
DYNAMIC RANGE and SNR
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 7.
Figure 8.
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): PCM2906C


Similar Part No. - PCM2906C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results

Similar Description - PCM2906C

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com