Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2906C Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2906C
Description  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2906C Datasheet(HTML) 4 Page - Texas Instruments

  PCM2906C Datasheet HTML 1Page - Texas Instruments PCM2906C Datasheet HTML 2Page - Texas Instruments PCM2906C Datasheet HTML 3Page - Texas Instruments PCM2906C Datasheet HTML 4Page - Texas Instruments PCM2906C Datasheet HTML 5Page - Texas Instruments PCM2906C Datasheet HTML 6Page - Texas Instruments PCM2906C Datasheet HTML 7Page - Texas Instruments PCM2906C Datasheet HTML 8Page - Texas Instruments PCM2906C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
PCM2906C
SBFS037
– NOVEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, VBUS, = 5 V, fS = 44.1 kHz, fIN = 1 kHz, and 16-bit data (unless otherwise noted).
PCM2906C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC CHARACTERISTICS
Resolution
8, 16
Bits
Audio data channel
1, 2
Channel
ADC Clock Frequency
fs
Sampling frequency
8, 11.025, 16, 22.05, 32, 44.1, 48
kHz
ADC DC Accuracy
Gain mismatch,
±1
±5
% of FSR
channel-to-channel
Gain error
±2
±10
% of FSR
Bipolar zero error
±0
% of FSR
ADC Dynamic Performance(8)
VIN = –1 dB
(9), V
CCCI = 3.67 V
0.01
0.02
%
Total harmonic distortion
THD+N
VIN = –1 dB
(10)
0.1
%
plus noise
VIN = –60 dB
5
%
Dynamic range
A-weighted
81
89
dB
SNR
Signal-to-noise ratio
A-weighted
81
89
dB
Channel separation
80
85
dB
Analog Input
Input voltage
0.6 VCCCI
VPP
Center voltage
0.5 VCCCI
V
Input impedance
30
k
–3 dB
150
kHz
Antialiasing filter frequency
response
fIN = 20 kHz
–0.08
dB
ADC Digital Filter Performance
Passband
0.454 fs
Hz
Stop band
0.583 fs
Hz
Passband ripple
±0.05
dB
Stop-band attenuation
–65
dB
td
Delay time
17.4/fs
s
HPF frequency response
–3 dB
0.078fs/1000
Hz
(8)
fIN = 1 kHz, using the System Two™ audio measurement system by Audio Precision™ in RMS mode with 20-kHz LPF, 400-Hz HPF in
calculation.
(9)
Using external voltage regulator for VCCCI (see Figure 36).
(10) Using internal voltage regulator for VCCCI (see Figure 37).
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): PCM2906C


Similar Part No. - PCM2906C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results

Similar Description - PCM2906C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com