Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2906C Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2906C
Description  Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2906C Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM2906C Datasheet HTML 13Page - Texas Instruments PCM2906C Datasheet HTML 14Page - Texas Instruments PCM2906C Datasheet HTML 15Page - Texas Instruments PCM2906C Datasheet HTML 16Page - Texas Instruments PCM2906C Datasheet HTML 17Page - Texas Instruments PCM2906C Datasheet HTML 18Page - Texas Instruments PCM2906C Datasheet HTML 19Page - Texas Instruments PCM2906C Datasheet HTML 20Page - Texas Instruments PCM2906C Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
PCM2906C
www.ti.com
SBFS037
– NOVEMBER 2011
DETAILED DESCRIPTION
USB INTERFACE
Control data and audio data are transferred to the PCM2906C via D+ (pin 1) and D
– (pin 2). All data to/from the
PCM2906C are transferred at full speed. The device descriptor contains the information described in Table 2.
Table 2. Device Descriptor
USB revision
2.0 compliant
Device class
0x00 (device defined interface level)
Device sub class
0x00 (not specified)
Device protocol
0x00 (not specified)
Max packet size for end-point 0
8 byte
Vendor ID
0x08BB
Product ID
0x29C6
Device release number
1.0 (0x0100)
Number of configurations
1
Vendor string
String #1 (see Table 4)
Product string
String #2 (see Table 4)
Serial number
Not supported
The configuration descriptor contains the information described in Table 3.
Table 3. Configuration Descriptor
Interface
Four interfaces
Power attribute
0x80 (Bus powered, no remote wakeup)
Max power
0xFA (500 mA)
The string descriptor contains the information described in Table 4.
Table 4. String Descriptor
#0
0x0409
#1
BurrBrown from Texas Instruments
#2
USB AUDIO CODEC
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): PCM2906C


Similar Part No. - PCM2906C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results

Similar Description - PCM2906C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com