Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221AIRGVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221AIRGVT
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221AIRGVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA3221AIRGVT Datasheet HTML 9Page - Texas Instruments INA3221AIRGVT Datasheet HTML 10Page - Texas Instruments INA3221AIRGVT Datasheet HTML 11Page - Texas Instruments INA3221AIRGVT Datasheet HTML 12Page - Texas Instruments INA3221AIRGVT Datasheet HTML 13Page - Texas Instruments INA3221AIRGVT Datasheet HTML 14Page - Texas Instruments INA3221AIRGVT Datasheet HTML 15Page - Texas Instruments INA3221AIRGVT Datasheet HTML 16Page - Texas Instruments INA3221AIRGVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
INA3221
www.ti.com
SBOS576 – MAY 2012
MULTIPLE CHANNEL MONITORING
The INA3221 can be configured to monitor shunt and voltage measurements for up to three unique power-supply
rails. This configuration allows for a total of six different signals to be measured. The INA3221 can be configured
to adjust the number of channels and signals being measured through the Channel Enable and MODE bits in the
Configuration Register. This adjustment allows the device to be optimized based on application requirements
because the system is in use.
Channel Configuration
If an application requires that all three channels be monitored at power-up, but only one channel must be
monitored after the system has stabilized, the other two channels can be disabled after power-up. This process
allows the INA3221 to only monitor the power-supply rail of interest. Disabling unused channels helps improve
system response time by more quickly returning to sampling the channel of interest. The INA3221 linearly
monitors the enabled channels. This means that if all three channels are enabled for both shunt and bus voltage
measurements, it takes five more completed conversions after a signal is measured before the device returns to
that particular signal to begin another conversion. Changing the operating mode to monitor only the shunt voltage
reduces this requirement to two conversions before the device begins a new conversion on a particular channel
again.
There is also a timing aspect involved in reducing the signals being measured. The amount of time to complete
an all-channel, shunt and bus voltage sequence is equal to the sum of the shunt voltage conversion time and the
bus voltage conversion time (as programmed by the CT bits in the Configuration Register) multiplied by the three
channels. The conversion times for the shunt and bus voltage measurements are programmed independently,
however, the shunt and bus voltage conversion times selected apply to all channels.
Enabling a single channel with only one signal measured allows for that particular signal to be monitored solely.
This setting enables the fastest response over time to changes in that specific input signal because there is no
delay from the end of one conversion before the next conversion begins on that channel. Conversion time is not
affected by enabling or disabling other channels. Selecting both the shunt and bus voltage settings as well as
enabling additional channels extends the time from the end of one conversion on a signal before the beginning of
the next conversion of that signal.
Averaging and Conversion Time Considerations
The INA3221 has programmable conversion times for both the shunt and bus voltage measurements. The
conversion times for these measurements can be selected from 140
μs to 8.244 ms. The conversion time
settings, along with the programmable averaging mode, enable the INA3221 to be configured to optimize
available timing requirements in a given application. For example, if a system requires data to be read every 2
ms with all three channels monitored, the INA3221 can be configured with the conversion times for the shunt and
bus voltage measurements set to 332
μs. The INA3221 can also be configured with a different conversion time
setting for the shunt and bus voltage measurements. This approach is common in applications where the bus
voltage tends to be relatively stable. This situation allows for the time focused on the bus voltage measurement
to be reduced relative to the shunt voltage measurement. For example, the shunt voltage conversion time can be
set to 4.156 ms with the bus voltage conversion time set to 588
μs for a 5-ms update time.
There are trade-offs associated with conversion time settings and the averaging mode used. The averaging
feature can significantly improve the measurement accuracy by effectively filtering the signal. This approach
allows the INA3221 to reduce the amount of noise in the measurement that may be caused by noise coupling
into the signal. A greater number of averages allows the INA3221 to be more effective in reducing the
measurement noise component. The trade-off to this noise reduction is that the averaged value has a longer
response time to input signal changes. This aspect of the averaging feature is mitigated to some extent with the
critical alert feature that compares each single conversion to determine if a measured signal (with its noise
component) has exceeded the maximum acceptable level.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): INA3221


Similar Part No. - INA3221AIRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221AIRGVT TI1-INA3221AIRGVT Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
More results

Similar Description - INA3221AIRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221_17 Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com