Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221AIRGVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221AIRGVT
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221AIRGVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA3221AIRGVT Datasheet HTML 7Page - Texas Instruments INA3221AIRGVT Datasheet HTML 8Page - Texas Instruments INA3221AIRGVT Datasheet HTML 9Page - Texas Instruments INA3221AIRGVT Datasheet HTML 10Page - Texas Instruments INA3221AIRGVT Datasheet HTML 11Page - Texas Instruments INA3221AIRGVT Datasheet HTML 12Page - Texas Instruments INA3221AIRGVT Datasheet HTML 13Page - Texas Instruments INA3221AIRGVT Datasheet HTML 14Page - Texas Instruments INA3221AIRGVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
INA3221
www.ti.com
SBOS576 – MAY 2012
BASIC ADC FUNCTIONS
The INA3221 performs two measurements on up to three power supplies of interest. The voltage developed from
the load current passing through a shunt resistor creates a shunt voltage that is measured between the IN+ and
IN– pins. The device also internally measures the power-supply bus voltage at the IN– pin for each channel. The
differential shunt voltage is measured with respect to the VIN– pin while the bus voltage is measured, with
respect to ground.
The INA3221 is typically powered by a separate power supply that ranges from 2.7 V to 5.5 V. The monitored
supply buses range from 0 V to 26 V. Note that, based on the fixed 8-mV bus voltage register LSB, a full-
scale register value results in 32.76 V. However, the actual voltage applied to the INA3221 input pins
should not exceed 26 V. There are no special power-supply sequencing considerations between the common-
mode input ranges and the device power-supply voltage because they are independent of each other; therefore,
the bus voltages can be present with the supply voltage off and vice-versa.
As noted, the INA3221 takes two measurements for each channel. Each measurement can be independently or
sequentially measured, based on the mode setting (bits[2:0] in the Configuration Register). When the INA3221 is
in normal operating mode (that is, the MODE bits of the Configuration Register are set to '111'), the device
continuously converts a shunt voltage reading followed by a bus voltage reading. This procedure converts one
channel and then continues to the shunt voltage reading of the next enabled channel, followed by the channel
bus voltage reading for that channel, and so on, until all enabled channels have been measured. The
programmed Configuration Register mode setting applies to all channels. Any channels not enabled are
bypassed in the measurement sequence, regardless of mode setting.
The INA3221 has two operating modes (continuous and single-shot) that determine the internal ADC operation
after these conversions complete. When the INA3221 is set to continuous mode, based on the MODE bit
settings, the device continues to cycle through all enabled channels until a new configuration setting is
programmed.
The Configuration Register MODE control bits also enable modes to be selected that convert only the shunt or
bus voltage. This feature further allows the monitoring function configuration to fit specific application
requirements.
In single-shot modes, writing any single-shot convert modes to the Configuration Register (that is, the
Configuration Register MODE bits set to ‘001’, ‘010’, or ‘011’) triggers a single-shot conversion. This action
produces a single set of measurements for all enabled channels. To trigger another single-shot conversion, the
Configuration Register must be written a second time, even if the mode does not change. When a single-shot
conversion is initiated, all enabled channels are measured one time and then the device enters a power-down
state. The INA3221 registers can be read at any time, even while in power-down. The data present in these
registers are from the last completed conversion results for the corresponding register. The Conversion Ready
Flag bit (Mask/Enable Register CVRF bit) can help coordinate single-shot conversions, which is especially helpful
during longer conversion time settings. The CVRF bit is set after all conversions are complete. The CVRF bit
clears under the following conditions:
1. Writing to the Configuration Register, except when configuring the MODE bits for power-down mode; or
2. Reading the Status Register.
In addition to the two operating modes (continuous and single-shot), the INA3221 also has a separate selectable
power-down mode that reduces the quiescent current and turns off current into the INA3221 inputs, thus
reducing the impact of supply drain when the device is not used. Full recovery from power-down mode requires
40 µs. The INA3221 registers can be written to and read from while the device is in power-down mode. The
device remains in power-down mode until one of the active MODE settings are written to the Configuration
Register.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): INA3221


Similar Part No. - INA3221AIRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221AIRGVT TI1-INA3221AIRGVT Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
More results

Similar Description - INA3221AIRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221_17 Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com