Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221AIRGVT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221AIRGVT
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221AIRGVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA3221AIRGVT Datasheet HTML 15Page - Texas Instruments INA3221AIRGVT Datasheet HTML 16Page - Texas Instruments INA3221AIRGVT Datasheet HTML 17Page - Texas Instruments INA3221AIRGVT Datasheet HTML 18Page - Texas Instruments INA3221AIRGVT Datasheet HTML 19Page - Texas Instruments INA3221AIRGVT Datasheet HTML 20Page - Texas Instruments INA3221AIRGVT Datasheet HTML 21Page - Texas Instruments INA3221AIRGVT Datasheet HTML 22Page - Texas Instruments INA3221AIRGVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
INA3221
www.ti.com
SBOS576 – MAY 2012
REGISTER INFORMATION
The INA3221 uses a bank of registers for holding configuration settings, measurement results, minimum and
maximum limits, and status information. Table 1 summarizes the INA3221 registers; refer to Figure 1 for an
illustration of the registers.
Table 1. Summary of Register Set
POINTER
POWER-ON RESET
ADDRESS
(Hex)
REGISTER NAME
DESCRIPTION
BINARY
HEX
TYPE(1)
All-register reset, shunt and bus voltage ADC conversion times and
0
Configuration Register
01110001 00100111
7127
R/W
averaging, operating mode.
1
Channel 1 Shunt Voltage
Averaged shunt voltage value.
00000000 00000000
0000
R
2
Channel 1 Bus Voltage
Averaged bus voltage value.
00000000 00000000
0000
R
3
Channel 2 Shunt Voltage
Averaged shunt voltage value.
00000000 00000000
0000
R
4
Channel 2 Bus Voltage
Averaged bus voltage value.
00000000 00000000
0000
R
5
Channel 3 Shunt Voltage
Averaged shunt voltage value.
00000000 00000000
0000
R
6
Channel 3 Bus Voltage
Averaged bus voltage value.
00000000 00000000
0000
R
Contains limit value to compare each conversion value to
7
Channel 1 Critical Limit
01111111 11111000
7FF8
R/W
determine if the corresponding limit has been exceeded.
Contains limit value to compare to averaged measurement to
8
Channel 1 Warning Limit
01111111 11111000
7FF8
R/W
determine if the corresponding limit has been exceeded.
Contains limit value to compare each conversion value to
9
Channel 2 Critical Limit
01111111 11111000
7FF8
R/W
determine if the corresponding limit has been exceeded.
Contains limit value to compare to averaged measurement to
A
Channel 2 Warning Limit
01111111 11111000
7FF8
R/W
determine if the corresponding limit has been exceeded.
Contains limit value to compare each conversion value to
B
Channel 3 Critical Limit
01111111 11111000
7FF8
R/W
determine if the corresponding limit has been exceeded.
Contains limit value to compare to averaged measurement to
C
Channel 3 Warning Limit
01111111 11111000
7FF8
R/W
determine if the corresponding limit has been exceeded.
Contains the summed value of the each of the selected shunt
D
Shunt Voltage Sum
00000000 00000000
0000
R
voltage conversions.
Contains limit value to compare to the Shunt Voltage Sum register
E
Shunt Voltage Sum Limit
01111111 11111110
7FFE
R/W
to determine if the corresponding limit has been exceeded.
Alert configuration, alert status indication, summation control and
F
Mask/Enable
00000000 00000010
0002
R/W
status.
Contains limit value to compare all bus voltage conversions to
10
Power Valid Upper Limit
00100111 00010000
2710
R/W
determine if the Power Valid level has been reached.
Contains limit value to compare all bus voltage conversions to
11
Power Valid Lower Limit
determine if the any voltage rail has dropped below the Power
00100011 00101000
2328
R/W
Valid range.
FE
Manufacturer ID
Contains unique manufacturer identification number.
01010100 01001001
5449
R
FF
Die ID
Contains unique die identification number.
00110010 00100000
3220
R
(1)
Type: R = read-only, R/W = read/write.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): INA3221


Similar Part No. - INA3221AIRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221AIRGVT TI1-INA3221AIRGVT Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
More results

Similar Description - INA3221AIRGVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
High-Side Measurement Current Shunt Monitor
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
High-Side Measurement Current Shunt Monitor
INA3221 TI1-INA3221_17 Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com