Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221AIRGVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221AIRGVT
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221AIRGVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA3221AIRGVT Datasheet HTML 12Page - Texas Instruments INA3221AIRGVT Datasheet HTML 13Page - Texas Instruments INA3221AIRGVT Datasheet HTML 14Page - Texas Instruments INA3221AIRGVT Datasheet HTML 15Page - Texas Instruments INA3221AIRGVT Datasheet HTML 16Page - Texas Instruments INA3221AIRGVT Datasheet HTML 17Page - Texas Instruments INA3221AIRGVT Datasheet HTML 18Page - Texas Instruments INA3221AIRGVT Datasheet HTML 19Page - Texas Instruments INA3221AIRGVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Note (1): RDIV can be used to level shift High PV output.
Power Valid
Detection
INA3321
VS
PV
VPU
RPU
RPU
RDIV
(1)
S B
Ch
1
S B
Ch
2
S B
Ch
3
S B
Ch
1
S B
Ch
2
S B
Ch
3
S B
Ch
1
S B
Ch
2
S B
Ch
3
S B
Ch
1
S B
Ch
2
S B
Ch
3
S B
Ch
1
S B
Ch
2
S B
Ch
3
Signal
Channel
1.2 V Detected on Channel 1
Bus Voltage Measurement
Measure For 1.2 V on
Channel 2 Bus Voltage
2.2 ms
28.6 ms
INA3221
SBOS576 – MAY 2012
www.ti.com
When all three bus voltage measurements are completed, the results are compared to the Power Valid threshold
values to determine the Power Valid state. The bus voltage measurement values remain in the corresponding
channel output registers until the bus voltage measurements are taken again, which updates the output registers.
When the output registers are updated, the values are again compared to the Power Valid thresholds. Without
taking periodic bus voltage measurements, the INA3221 is unable to determine if the Power Valid conditions are
maintained.
The Power Valid output pin allows for a 0-V output that indicates a power invalid condition. An output equal to
the pull-up supply voltage connected to VPU indicates a power valid condition, as shown in Figure 25. It is also
possible to divide down the High Power Valid pull-up voltage by adding a resistor to ground at the PV output,
thus allowing this function to interface with lower-voltage circuitry if needed.
(1) RDIV can be used to level shift the PV output high.
Figure 25. Power Valid Output Structure
Timing Control Alert
The INA3221 has a Timing Control Alert function helps verify proper power-supply sequencing. On power-up, the
default INA3221 setting is Continuous Shunt and Bus Voltage conversion mode. While in this mode at power-up,
the INA3221 internally begins comparing the channel 1 bus voltage to determine when a 1.2-V level is reached.
This comparison is made each time the sequence returns to the channel 1 bus voltage measurement. When a
1.2-V level is detected on the channel 1 bus voltage measurement, the INA3221 begins looking for a 1.2-V level
present on the channel 2 bus voltage measurement. After a 1.2-V level is detected on channel 1, if the INA3221
does not detect a 1.2-V value or greater on the bus voltage measurement following four complete cycles of all
three channels, the Timing Control Alert pin is asserted low to indicate that the INA3221 is has not detected a
valid power rail on channel 2. This sequence allows for approximately 28.6 ms, as shown in Figure 26, from the
time 1.2 V is detected on channel 1 for a valid voltage to be detected on channel 2. Figure 27 illustrates the state
diagram for the Timing Control Alert pin.
NOTE: The signal refers to the corresponding shunt (S) and bus (B) voltage measurement for each channel.
Figure 26. Timing Control Timing Diagram
16
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): INA3221


Similar Part No. - INA3221AIRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221AIRGVT TI1-INA3221AIRGVT Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
More results

Similar Description - INA3221AIRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221_17 Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com