Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221AIRGVR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221AIRGVR
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221AIRGVR Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA3221AIRGVR Datasheet HTML 25Page - Texas Instruments INA3221AIRGVR Datasheet HTML 26Page - Texas Instruments INA3221AIRGVR Datasheet HTML 27Page - Texas Instruments INA3221AIRGVR Datasheet HTML 28Page - Texas Instruments INA3221AIRGVR Datasheet HTML 29Page - Texas Instruments INA3221AIRGVR Datasheet HTML 30Page - Texas Instruments INA3221AIRGVR Datasheet HTML 31Page - Texas Instruments INA3221AIRGVR Datasheet HTML 32Page - Texas Instruments INA3221AIRGVR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
INA3221
www.ti.com
SBOS576 – MAY 2012
BUS OVERVIEW
The INA3221 offers compatibility with both I2C and SMBus interfaces. The I2C and SMBus protocols are
essentially compatible with one another.
The I2C interface is used throughout this data sheet as the primary example, with the SMBus protocol specified
only when a difference between the two systems is discussed. Two bidirectional lines, the serial clock (SCL) and
data signal line (SDA), connect the INA3221 to the bus. Both SCL and SDA are open-drain connections.
The device that initiates a data transfer is called a master, and the devices controlled by the master are slaves.
The bus must be controlled by the master device that generates the SCL, controls the bus access, and
generates start and stop conditions.
To address a specific device, the master initiates a start condition by pulling SDA from a high to a low logic level
while SCL is high. All slaves on the bus shift in the slave address byte on the SCL rising edge, with the last bit
indicating whether a read or write operation is intended. During the ninth clock pulse, the slave being addressed
responds to the master by generating an Acknowledge bit and pulling SDA low.
Data transfer is then initiated and eight bits of data are sent, followed by an Acknowledge bit. During data
transfer, SDA must remain stable while SCL is high. Any change in SDA while SCL is high is interpreted as a
start or stop condition.
Once all data are transferred, the master generates a stop condition, indicated by pulling SDA from low to high
while SCL is high. The INA3221 includes a 28-ms timeout on the interface to prevent locking up the bus.
Serial Bus Address
To communicate with the INA3221, the master must first address slave devices with a slave address byte. This
byte consists of seven address bits and a direction bit to indicate whether the intended action is a read or write
operation.
The INA3221 has two address pins, A0 and A1. Table 7 describes the pin logic levels for each of the 16 possible
addresses. The state of the A0 and A1 pins is sampled on every bus communication and should be set before
any activity on the interface occurs.
Table 7. INA3221 Address Pins and Slave Addresses
A0
SLAVE ADDRESS
GND
1000000
VS+
1000001
SDA
1000010
SCL
1000011
Serial Interface
The INA3221 only operates as a slave device on the I2C bus and SMBus. Bus connections are made via the
open-drain I/O lines, SDA and SCL. The SDA and SCL pins feature integrated spike-suppression filters and
Schmitt triggers to minimize the effects of input spikes and bus noise. While there is spike suppression integrated
into the digital I/O lines, proper layout should be used to minimize the amount of coupling into the communication
lines. This noise introduction could occur from capacitively coupling signal edges between the two
communication lines themselves or from other switching noise sources present in the system. Routing traces in
parallel with ground between layers on a printed circuit board (PCB) typically reduces the effects of coupling
between the communication lines. Shielding communication lines in general is recommended to reduce the
possibility of unintended noise coupling into the digital I/O lines that could be incorrectly interpreted as start or
stop commands.
The INA3221 supports a transmission protocol for Fast (1 kHz to 400 kHz) and High-speed (1 kHz to 3.4 MHz)
modes. All data bytes are transmitted MSB first.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): INA3221


Similar Part No. - INA3221AIRGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221AIRGVR TI1-INA3221AIRGVR Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
More results

Similar Description - INA3221AIRGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221_17 Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
High-Side Measurement Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com