Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221AIRGVR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221AIRGVR
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221AIRGVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA3221AIRGVR Datasheet HTML 18Page - Texas Instruments INA3221AIRGVR Datasheet HTML 19Page - Texas Instruments INA3221AIRGVR Datasheet HTML 20Page - Texas Instruments INA3221AIRGVR Datasheet HTML 21Page - Texas Instruments INA3221AIRGVR Datasheet HTML 22Page - Texas Instruments INA3221AIRGVR Datasheet HTML 23Page - Texas Instruments INA3221AIRGVR Datasheet HTML 24Page - Texas Instruments INA3221AIRGVR Datasheet HTML 25Page - Texas Instruments INA3221AIRGVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
INA3221
SBOS576 – MAY 2012
www.ti.com
Bits[5:3]
VSH CT: Shunt voltage conversion time
Sets the conversion time for the shunt voltage measurement.
Table 5 shows the VSH CT bit options and related conversion times for each bit.
Table 5. VSH CT Bit Settings, Bits[5:3]
VSH CT2
VSH CT1
VSH CT0
CONVERSION TIME
D5
D4
D3
0
0
0
140 µs
0
0
1
204 µs
0
1
0
332 µs
0
1
1
588 µs
1 (default)
0 (default)
0 (default)
1.1 ms (default)
1
0
1
2.116 ms
1
1
0
4.156 ms
1
1
1
8.244 ms
Bits[2:0]
MODE: Operating mode
Selects continuous, triggered, or power-down mode of operation. These bits default to continuous shunt and bus
measurement mode.
The mode settings are shown in Table 6.
Table 6. Mode Settings, Bits[2:0]
MODE3
MODE2
MODE1
MODE
D2
D1
D0
0
0
0
Power-down
0
0
1
Shunt voltage, triggered
0
1
0
Bus voltage, triggered
0
1
1
Shunt and bus, triggered
1
0
0
Power-down
Shunt voltage,
1
0
1
continuous
1
1
0
Bus voltage, continuous
Shunt and bus,
1 (default)
1 (default)
1 (default)
continuous (default)
The Configuration Register settings control the operating modes for the shunt and bus voltage measurements for
the three input channels. This register controls the conversion time settings for both the shunt and bus voltage
measurements and the averaging mode used. The Configuration Register can be used to independently enable
or disable each channel as well as select the operating mode that controls which signals are selected to be
measured.
This register can be read from at any time without impacting or affecting either device settings or conversions in
progress. Writing to this register halts any conversion in progress until the write sequence is completed, resulting
in a new conversion starting based on the new Configuration Register contents. This architecture prevents any
uncertainty in the conditions used for the next completed conversion.
22
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): INA3221


Similar Part No. - INA3221AIRGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221AIRGVR TI1-INA3221AIRGVR Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
More results

Similar Description - INA3221AIRGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221_17 Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com