Electronic Components Datasheet Search |
|
INA3221AIRGVR Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|
INA3221AIRGVR Datasheet(HTML) 21 Page - Texas Instruments |
21 / 36 page INA3221 www.ti.com SBOS576 – MAY 2012 Configuration Register (Address = 00h, Read/Write) BIT D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 NAME RST CH1en CH2en CH3en AVG2 AVG1 AVG0 VBUSCT2 VBUSCT1 VBUSCT0 VSHCT2 VSHCT1 VSHCT0 MODE3 MODE2 MODE1 POR 0 1 1 1 0 0 0 1 0 0 1 0 0 1 1 1 VALUE Bit 15 RST: Reset bit Setting this bit to '1' generates a system reset that is the same as a power-on reset (POR). This bit resets all registers to default values and self-clears. Bits[14:12] CHEN: Channel enable mode The channel enable mode bits allow each channel to be independently enabled or disabled. 0 = Channel disable 1 = Channel enable (default) Bits[11:9] AVG: Averaging mode Sets the number of samples that are collected and averaged together. Table 3 summarizes the AVG bit settings and related number of averages for each bit. Table 3. AVG Bit Settings, Bits[11:9] AVG2 AVG1 AVG0 NUMBER OF D11 D10 D9 AVERAGES 0 (default) 0 (default) 0 (default) 1 (default) 0 0 1 4 0 1 0 16 0 1 1 64 1 0 0 128 1 0 1 256 1 1 0 512 1 1 1 1024 Bits[8:6] VBUS CT: Bus voltage conversion time Sets the conversion time for the bus voltage measurement. Table 4 shows the VBUS CT bit options and related conversion times for each bit. Table 4. VBUS CT Bit Settings, Bits[8:6] VBUS CT2 VBUS CT1 VBUS CT0 CONVERSION TIME D8 D7 D6 0 0 0 140 µs 0 0 1 204 µs 0 1 0 332 µs 0 1 1 588 µs 1 (default) 0 (default) 0 (default) 1.1 ms (default) 1 0 1 2.116 ms 1 1 0 4.156 ms 1 1 1 8.244 ms Copyright © 2012, Texas Instruments Incorporated Submit Documentation Feedback 21 Product Folder Link(s): INA3221 |
Similar Part No. - INA3221AIRGVR |
|
Similar Description - INA3221AIRGVR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |