Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221AIRGVR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221AIRGVR
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221AIRGVR Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA3221AIRGVR Datasheet HTML 13Page - Texas Instruments INA3221AIRGVR Datasheet HTML 14Page - Texas Instruments INA3221AIRGVR Datasheet HTML 15Page - Texas Instruments INA3221AIRGVR Datasheet HTML 16Page - Texas Instruments INA3221AIRGVR Datasheet HTML 17Page - Texas Instruments INA3221AIRGVR Datasheet HTML 18Page - Texas Instruments INA3221AIRGVR Datasheet HTML 19Page - Texas Instruments INA3221AIRGVR Datasheet HTML 20Page - Texas Instruments INA3221AIRGVR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
1.2 V Detected on
Channel 1 Bus Voltage
Measurement
Measure For 1.2 V
on Channel 2
Bus Voltage
1.2 V on Channel 2 Detected
1.2 V on Channel 2 Not Detected
Timing
Control
Output
High
Low
28.6 ms
Load 2
Power Supply
(0 V to 26 V)
Ch 1
Ch 2
VIN 2
VIN+2
Ch 3
ADC
RFILTER
10
RFILTER
10
CFILTER: 0.1-µF to 1-µF
Ceramic Capacitor
INA3221
www.ti.com
SBOS576 – MAY 2012
Figure 27. Timing Control State Diagram
The Timing Control Alert function is only monitored at power-up or when a software reset is issued by setting the
RESET bit (bit 15) in the Configuration Register. The Timing Control Alert function timing is based on the default
device settings at power-up. Writing to the Configuration Register before the Timing Control Alert function
completes the full sequence results in disabling the Timing Control Alert until power is cycled or a software reset
is issued.
FILTERING AND INPUT CONSIDERATIONS
Measuring current is often noisy, and such noise can be difficult to define. The INA3221 offers several filtering
options by allowing conversion times and the number of averages to be selected independently in the
Configuration Register. The conversion times can be set independently for the shunt and bus voltage
measurements for added flexibility in configuring power-supply bus monitoring.
The internal ADC is based on a delta-sigma (
ΔΣ) front-end with a 500-kHz (±30%) typical sampling rate. This
architecture has good inherent noise rejection; however, transients that occur at or very close to the sampling
rate harmonics can cause problems. Because these signals are at 1 MHz and higher, they can be managed by
incorporating filtering at the INA3221 input. The high frequency enables the use of low-value series resistors on
the filter with negligible effects on measurement accuracy. In general, filtering the INA3221 input is only
necessary if there are transients at exact harmonics of the 500-kHz (±30%) sampling rate (greater than 1 MHz).
Filter using the lowest possible series resistance (typically 10
Ω or less) and a ceramic capacitor. Recommended
capacitor values are 0.1
μF to 1.0 μF. Figure 28 shows the INA3221 with an additional filter added at the input.
Figure 28. INA3221 with Input Filtering
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): INA3221


Similar Part No. - INA3221AIRGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221AIRGVR TI1-INA3221AIRGVR Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
More results

Similar Description - INA3221AIRGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221_17 Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com