Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221AIRGV Datasheet(PDF) 12 Page - Texas Instruments

Part # INA3221AIRGV
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221AIRGV Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA3221AIRGV Datasheet HTML 8Page - Texas Instruments INA3221AIRGV Datasheet HTML 9Page - Texas Instruments INA3221AIRGV Datasheet HTML 10Page - Texas Instruments INA3221AIRGV Datasheet HTML 11Page - Texas Instruments INA3221AIRGV Datasheet HTML 12Page - Texas Instruments INA3221AIRGV Datasheet HTML 13Page - Texas Instruments INA3221AIRGV Datasheet HTML 14Page - Texas Instruments INA3221AIRGV Datasheet HTML 15Page - Texas Instruments INA3221AIRGV Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
AVG #
÷
New
Sample
-
+
+
+
Output
Register
20
21
22
23
24
25
26
1000
2000
3000
4000
5000
6000
7000
Samples
1 Average
16 Averages
1024 Averages
G020
INA3221
SBOS576 – MAY 2012
www.ti.com
INA3221 AVERAGING FUNCTION
The INA3221 includes three channels to monitor up to three independent supply buses. Multichannel monitoring
potentially results in poor shunt resistor placement. Ideally, the shunt resistors should be located as close as
possible to the corresponding channel input pins. However, because of system layout and multiple power-supply
rails, one or more shunt resistors may have to be located further away from the INA3221 than they otherwise
ideally would be, thus presenting potentially larger measurement errors. These errors can result from additional
trace inductance and other parasitic impedances between the shunt resistor and input pins. Longer traces also
create an additional potential for coupling noise into the signal if they are routed near noise-generating sections
of the board. The INA3221 averaging function mitigates this potential problem by limiting the impact any single
measurement has on the averaged value of each measured signal. This limitation reduces the influence noise
has on the averaged value, thereby effectively creating an input signal filter.
The averaging function is described in Figure 21. The INA3221 operation begins by first measuring the shunt
input signal on channel 1. This value is then subtracted from the previous value that was present in the
corresponding data output register. This difference is then divided by the value programmed by the Averaging
Mode setting (Configuration Register bits[11:9]) and stored in an internal accumulation register. The computed
result is then added to the previously-loaded data output register value and that resulting value is loaded to the
corresponding data output register. After the update, the next signal to be measured follows the same process.
The larger the value selected for the averaging mode setting, the less impact or influence any new conversion
has on the average value, as shown in Figure 22. This averaging feature functions as a filter to reduce input
noise from the averaged measurement value.
Figure 21. Averaging Function Block Diagram
Figure 22. Average Setting Example
12
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): INA3221


Similar Part No. - INA3221AIRGV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221AIRGVR TI1-INA3221AIRGVR Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA3221AIRGVT TI1-INA3221AIRGVT Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
More results

Similar Description - INA3221AIRGV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221_17 Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
High-Side Measurement Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com