Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221AIRGV Datasheet(PDF) 32 Page - Texas Instruments

Part # INA3221AIRGV
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221AIRGV Datasheet(HTML) 32 Page - Texas Instruments

Back Button INA3221AIRGV Datasheet HTML 28Page - Texas Instruments INA3221AIRGV Datasheet HTML 29Page - Texas Instruments INA3221AIRGV Datasheet HTML 30Page - Texas Instruments INA3221AIRGV Datasheet HTML 31Page - Texas Instruments INA3221AIRGV Datasheet HTML 32Page - Texas Instruments INA3221AIRGV Datasheet HTML 33Page - Texas Instruments INA3221AIRGV Datasheet HTML 34Page - Texas Instruments INA3221AIRGV Datasheet HTML 35Page - Texas Instruments INA3221AIRGV Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
SCL
SDA
t
(LOW)
t
R
t
F
t
(HDSTA)
t
(HDSTA)
t
(HDDAT)
t
(SUDAT)
t
(HIGH)
t
(SUSTA)
t
(SUSTO)
t
(BUF)
S
S
P
P
INA3221
SBOS576 – MAY 2012
www.ti.com
High-Speed I2C Mode
When the bus is idle, the SDA and SCL lines are pulled high by the pull-up devices. The master generates a
start condition followed by a valid serial byte with the High-Speed (HS) master code 00001XXX. This
transmission is made in fast (400 kHz) or standard (100 kHz) (F/S) mode at no more than 400 kHz. The INA3221
does not acknowledge the HS master code, but does recognize it and switches its internal filters to support 3.4-
MHz operation.
The master then generates a repeated start condition (a repeated start condition has the same timing as the start
condition). After this repeated start condition, the protocol is the same as F/S mode, except that transmission
speeds up to 3.4 MHz are allowed. Instead of using a stop condition, repeated start conditions should be used to
secure the bus in HS-mode. A stop condition ends the HS-mode and switches all internal INA3221 filters to
support F/S mode.
Figure 33. Bus Timing Diagram
Bus Timing Diagram Definitions
FAST MODE
HIGH-SPEED MODE
PARAMETER
MIN
MAX
MIN
MAX
UNITS
f(SCL)
SCL operating frequency
0.001
0.4
0.001
3.4
MHz
Bus free time between stop and start
t(BUF)
600
160
ns
conditions
Hold time after repeated START condition.
t(HDSTA)
100
100
ns
After this period, the first clock is generated.
t(SUSTA)
Repeated start condition setup time
100
100
ns
t(SUSTO)
STOP condition setup time
100
100
ns
t(HDDAT)
Data hold time
0
0
ns
t(SUDAT)
Data setup time
100
10
ns
t(LOW)
SCL clock low period
1300
160
ns
t(HIGH)
SCL clock high period
600
60
ns
tF
Clock and data fall time
300
160
ns
Clock and data rise time
300
160
ns
tR
Clock and data rise time for SCLK
≤ 100 kHz
1000
ns
SMBus ALERT RESPONSE
The INA3221 is designed to respond to the SMBus Alert Response address. The SMBus Alert Response
provides a quick fault identification for simple slave devices. When an Alert occurs, the master can broadcast the
Alert Response slave address (0001 100) with the R/W bit set high. Following this Alert Response, any slave
devices that generated an alert identify themselves by acknowledging the Alert Response and sending their
respective address on the bus.
The Alert Response can activate several different slave devices simultaneously, similar to the I2C General Call. If
more than one slave attempts to respond, bus arbitration rules apply. The losing device does not generate an
Acknowledge and continues to hold the Alert line low until the interrupt is cleared.
32
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): INA3221


Similar Part No. - INA3221AIRGV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221AIRGVR TI1-INA3221AIRGVR Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA3221AIRGVT TI1-INA3221AIRGVT Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
More results

Similar Description - INA3221AIRGV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221_17 Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com