Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221AIRGV Datasheet(PDF) 30 Page - Texas Instruments

Part # INA3221AIRGV
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221AIRGV Datasheet(HTML) 30 Page - Texas Instruments

Back Button INA3221AIRGV Datasheet HTML 26Page - Texas Instruments INA3221AIRGV Datasheet HTML 27Page - Texas Instruments INA3221AIRGV Datasheet HTML 28Page - Texas Instruments INA3221AIRGV Datasheet HTML 29Page - Texas Instruments INA3221AIRGV Datasheet HTML 30Page - Texas Instruments INA3221AIRGV Datasheet HTML 31Page - Texas Instruments INA3221AIRGV Datasheet HTML 32Page - Texas Instruments INA3221AIRGV Datasheet HTML 33Page - Texas Instruments INA3221AIRGV Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
1
1
1
9
9
9
1
0
0
0
0
A1
A0
R/W
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Frame 1 Two-Wire Slave Address Byte
(1)
Frame 2 Data MSByte
Frame 3 Data LSByte
Start By
Master
ACK By
INA3221
ACK By
INA3221
Stop By
Master
ACK By
INA3221
SCL
SDA
1
1
1
9
9
9
1
0
0
0
0
A1
A0 R/W
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Frame 1 Two-Wire Slave Address Byte
(1)
Frame 2 Data MSByte
Frame 3 Data LSByte
Start By
Master
ACK By
INA3221
ACK By
Master
Stop By
Master
No ACK By
Master
(2)
SCL
SDA
From
INA3221
From
INA3221
INA3221
SBOS576 – MAY 2012
www.ti.com
WRITING TO AND READING FROM THE INA3221
Accessing a specific INA3221 register is accomplished by writing the appropriate value to the register pointer.
Refer to Table 1 for a complete list of registers and corresponding addresses. The value for the register pointer
(refer to Figure 32) is the first byte transferred after the slave address byte with the R/W bit low. Every write
operation to the INA3221 requires a register pointer value.
Register writes begin with the first byte transmitted by the master. This byte is the slave address, with the R/W
bit low. The INA3221 then acknowledges receipt of a valid address. The next byte transmitted by the master is
the register address that data are written to. This register address value updates the register pointer to the
desired register. The next two bytes are written to the register addressed by the register pointer. The INA3221
acknowledges receipt of each data byte. The master may terminate data transfer by generating a start or stop
condition.
When reading from the INA3221, the last value stored in the register pointer by a write operation determines
which register is read during a read operation. To change the register pointer for a read operation, a new value
must be written to the register pointer. This write is accomplished by issuing a slave address byte with the R/W
bit low, followed by the register pointer byte. No additional data are required. The master then generates a start
condition and sends the slave address byte with the R/W bit high to initiate the read command. The next byte is
transmitted by the slave and is the most significant byte of the register indicated by the register pointer. This byte
is followed by an Acknowledge from the master; then the slave transmits the least significant byte. The master
acknowledges receipt of the data byte. The master may terminate data transfer by generating a Not-
Acknowledge after receiving any data byte, or generating a start or stop condition. If repeated reads from the
same register are desired, it is not necessary to continually send the register pointer bytes; the INA3221 retains
the register pointer value until it is changed by the next write operation.
Figure 29 and Figure 30 show the write and read operation timing diagrams, respectively. Note that register
bytes are sent most-significant byte first, followed by the least significant byte.
(1)
The value of the Slave Address byte is determined by the settings of the A0 and A1 pins. Refer to Table 7.
Figure 29. Timing Diagram for Write Word Format
(1)
The value of the Slave Address byte is determined by the A0 and A1 pin settings. Refer to Table 7.
(2)
Read data are from the last register pointer location. If a new register is desired, the register pointer must be updated.
See Figure 23.
(3)
An ACK by the master can also be sent.
Figure 30. Timing Diagram for Read Word Format
30
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): INA3221


Similar Part No. - INA3221AIRGV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221AIRGVR TI1-INA3221AIRGVR Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA3221AIRGVT TI1-INA3221AIRGVT Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
More results

Similar Description - INA3221AIRGV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221_17 Datasheet
1Mb / 46P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com