Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221AIRGV Datasheet(PDF) 3 Page - Texas Instruments

Part # INA3221AIRGV
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221AIRGV Datasheet(HTML) 3 Page - Texas Instruments

  INA3221AIRGV Datasheet HTML 1Page - Texas Instruments INA3221AIRGV Datasheet HTML 2Page - Texas Instruments INA3221AIRGV Datasheet HTML 3Page - Texas Instruments INA3221AIRGV Datasheet HTML 4Page - Texas Instruments INA3221AIRGV Datasheet HTML 5Page - Texas Instruments INA3221AIRGV Datasheet HTML 6Page - Texas Instruments INA3221AIRGV Datasheet HTML 7Page - Texas Instruments INA3221AIRGV Datasheet HTML 8Page - Texas Instruments INA3221AIRGV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
INA3221
www.ti.com
SBOS576 – MAY 2012
ELECTRICAL CHARACTERISTICS: VS = +3.3 V
At TA = +25°C, VIN+ = 12 V, VSENSE = (VIN+) – (VIN–) = 0 mV, and VBUS = 12 V, unless otherwise noted.
INA3221
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Shunt
–160
159.96
mV
Voltage input range
Bus
0
26
V
CMR
Common-mode rejection
VIN+ = 0 V to +26 V
110
120
dB
±40
±80
μV
VOS
Shunt
TA = –40°C to +125°C
0.1
0.5
μV/°C
PSRR
vs power supply, VS = +2.7 V to +5.5 V
15
μV/V
Offset voltage,
RTI(1)
±8
±16
mV
VOS
Bus
TA = –40°C to +125°C
80
μV/°C
PSRR
vs power supply
0.5
mV/V
IIN+
10
μA
Input bias current
IIN–
10 || 670
μA || kΩ
Input leakage(2)
(VIN+ pin) + (VIN– pin), power-down mode
0.1
0.5
μA
DC ACCURACY
ADC native resolution
13
Bits
Shunt voltage
40
μV
1-LSB step size
Bus voltage
8
mV
0.1
0.25
%
Shunt
TA = –40°C to +125°C
10
50
ppm/°C
Voltage gain error
0.1
0.25
%
Bus
TA = –40°C to +125°C
10
50
ppm/°C
DNL
Differential nonlinearity
±0.1
LSB
CT bit = 000
140
154
µs
CT bit = 001
204
224
µs
CT bit = 010
332
365
µs
CT bit = 011
588
646
µs
tCONVERT
ADC conversion time
CT bit = 100
1.1
1.21
ms
CT bit = 101
2.116
2.328
ms
CT bit = 110
4.156
4.572
ms
CT bit = 111
8.244
9.068
ms
SMBus
SMBus timeout(3)
28
35
ms
DIGITAL INPUT/OUTPUT
CI
Input capacitance
3
pF
Leakage input current
0 V
≤ VIN ≤ VS
0.1
1
μA
VIH
0.7 (VS)
6
V
Input logic levels
VIL
–0.5
0.3 (VS)
V
SDA, critical, warning, PV
VS > +2.7 V, IOL = 3 mA
0
0.4
V
VOL
Output logic levels
TC
VS > +2.7 V, IOL = 1.2 mA
0
0.4
V
Vhys
Hysteresis voltage
500
mV
(1)
RTI = Referred-to-input.
(2)
Input leakage is positive (current flows into the pin) for the conditions shown at the top of this table. Negative leakage currents can occur
under different input conditions.
(3)
SMBus timeouts in the INA3221 reset the interface whenever SCL is low for more than 28 ms.
Copyright © 2012, Texas Instruments Incorporated
3


Similar Part No. - INA3221AIRGV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221AIRGVR TI1-INA3221AIRGVR Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA3221AIRGVT TI1-INA3221AIRGVT Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
More results

Similar Description - INA3221AIRGV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221_17 Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
High-Side Measurement Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com