Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA3221 Datasheet HTML 6Page - Texas Instruments INA3221 Datasheet HTML 7Page - Texas Instruments INA3221 Datasheet HTML 8Page - Texas Instruments INA3221 Datasheet HTML 9Page - Texas Instruments INA3221 Datasheet HTML 10Page - Texas Instruments INA3221 Datasheet HTML 11Page - Texas Instruments INA3221 Datasheet HTML 12Page - Texas Instruments INA3221 Datasheet HTML 13Page - Texas Instruments INA3221 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Power
Supply
(0V to 26V)
Load 1
Load 2
Power
Supply
(0V to 26V)
Load 3
Power
Supply
(0V to 26V)
CBYPASS
0.1µF
VS (Supply
Voltage)
CH 1
CH 2
VIN-1
VIN+1
VIN-2
VIN+2
CH 3
VIN-3
VIN+3
I
2C
Interface
SDA
SCL
A0
Critical
Warning
GND
ADC
Shunt
Voltages 1-3
Critical Limit
Alerts 1-3
Bus
Voltages 1-3
Power Valid
Timing Control
Shunt Voltage
Sum Alerts
VS
VPU
10kΩ
VPU
10kΩ
INA3221
SBOS576 – MAY 2012
www.ti.com
APPLICATION INFORMATION
The INA3221 is a current-shunt and bus voltage monitor that communicates over an I2C- and SMBus-compatible
interface. The device provides digital shunt and bus voltage readings necessary for accurate decision making in
precisely-controlled systems and also monitors multiple rails to ensure compliance voltages are maintained.
Programmable registers offer flexible configuration for measurement precision and continuous versus single-shot
operation. The Register Information section provides details of the INA3221 registers, beginning with Table 1.
See Figure 1 for a register block diagram of the INA3221.
INA3221 TYPICAL APPLICATION
Figure 20 illustrates a typical INA3221 application circuit. Use a 0.1-
μF ceramic capacitor for power-supply
bypassing, placed as close as possible to the supply and ground pins.
Figure 20. Typical Application Diagram
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): INA3221


Similar Part No. - INA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI1-INA3221 Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA3221-Q1 TI1-INA3221-Q1 Datasheet
1Mb / 45P
Current and Voltage Monitor with Programmable Overcurrent Alerts
INA3221-Q1 TI1-INA3221-Q1 Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA3221AIRGVR TI1-INA3221AIRGVR Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA3221AIRGVT TI1-INA3221AIRGVT Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
More results

Similar Description - INA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221_17 Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
High-Side Measurement Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com