Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA3221 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA3221
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA3221 Datasheet(HTML) 1 Page - Texas Instruments

  INA3221 Datasheet HTML 1Page - Texas Instruments INA3221 Datasheet HTML 2Page - Texas Instruments INA3221 Datasheet HTML 3Page - Texas Instruments INA3221 Datasheet HTML 4Page - Texas Instruments INA3221 Datasheet HTML 5Page - Texas Instruments INA3221 Datasheet HTML 6Page - Texas Instruments INA3221 Datasheet HTML 7Page - Texas Instruments INA3221 Datasheet HTML 8Page - Texas Instruments INA3221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Power
Supply
(0V to 26V)
Load 1
Load 2
Power
Supply
(0V to 26V)
Load 3
Power
Supply
(0V to 26V)
CBYPASS
0.1µF
VS (Supply
Voltage)
CH 1
CH 2
VIN-1
VIN+1
VIN-2
VIN+2
CH 3
VIN-3
VIN+3
I
2C
Interface
SDA
SCL
A0
Critical
Warning
GND
ADC
Shunt
Voltages 1-3
Critical Limit
Alerts 1-3
Bus
Voltages 1-3
Power Valid
Timing Control
Shunt Voltage
Sum Alerts
VS
VPU
10kΩ
VPU
10kΩ
INA3221
www.ti.com
SBOS576 – MAY 2012
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
with I2C™ Interface
Check for Samples: INA3221
1
FEATURES
DESCRIPTION
The INA3221 is a three-channel, high-side current
23
Senses Bus Voltages From 0 V to +26 V
and bus voltage monitor with an I2C interface. The
Reports Shunt and Bus Voltage
INA3221 monitors both shunt voltage drops and bus
High Accuracy:
supply voltages in addition to having programmable
conversion times and averaging modes for these
Offset Voltage: ±80 µV (max)
signals. The INA3221 offers both critical and warning
Gain Error: 0.25% (max)
alerts to detect multiple programmable out-of-range
Configurable Averaging Options
conditions for each channel.
Four Programmable Addresses
The INA3221 senses current on buses that can vary
Power-Supply Operation: 2.7 V to 5.5 V
from 0 V to +26 V. The device is powered from a
single +2.7-V to +5.5-V supply and draws 350
μA
Programmable Alert and Warning Outputs
(typ) of supply current. The INA3221 is specified over
the operating temperature range of –40°C to +125°C.
APPLICATIONS
The
I2C
interface
features
four
programmable
Computers
addresses.
Power Management
RELATED PRODUCTS
Telecom Equipment
DESCRIPTION
DEVICE
Battery Chargers
High- or low-side, bi-directional current and
INA226
power monitor with two-wire interface
Power Supplies
Zero-drift, bi-directional current power monitor
Test Equipment
INA219
with two-wire interface
Current and power monitor with watchdog,
INA209
peak-hold, and fast comparator functions
Zero-drift, low-cost, analog current-shunt
INA210, INA211, INA212,
monitor series in small package
INA213, INA214
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of NXP Semiconductors.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI1-INA3221 Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA3221-Q1 TI1-INA3221-Q1 Datasheet
1Mb / 45P
Current and Voltage Monitor with Programmable Overcurrent Alerts
INA3221-Q1 TI1-INA3221-Q1 Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA3221AIRGVR TI1-INA3221AIRGVR Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA3221AIRGVT TI1-INA3221AIRGVT Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
More results

Similar Description - INA3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221_17 Datasheet
1Mb / 46P
Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
High-Side Measurement Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com