Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZT Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 27 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 23Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 24Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 25Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 26Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 27Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 28Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 29Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 30Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 78 page
background image
(c) (PIN Mode)
(b) (SPI/I2C Host Mode)
50k
#44 (RESET)
DVDD
CDCM6208
50k
#44 (RESET)
DVDD
CDCM6208
GPO
50k
#44 (PWR)
DVDD
CDCM6208
RPD
if I/O power = 1.8V: RPD=0-Ohm
if I/O power=3.3V: RPD=open
(a) (SPI/I2C Host mode)
5k
Host
Controller
CDCM6208
www.ti.com
SCAS931A – MAY 2012 – REVISED JUNE 2012
DEVICE CONFIGURATION CONTROL
Figure 27 illustrates the relationships between device states, the control pins, device initialization and
configuration, and device operational modes. In pin mode, the state of the control pins determines the
configuration of the device for all device states. In programming mode, the device registers are initialized to their
default state and the host can update the configuration by writing to the device registers. A system may transition
a device from pin mode to host connected mode by changing the state of the SI_MODE pins and then triggering
a device reset (either via the RESETN pin or via setting the RESETN bit in the device registers). In reset, the
device disables the outputs so that unwanted sporadic activity associated with device initialization does not
appear on the device outputs.
CONFIGURING THE RESETN PIN
Figure 26 shows two typical applications examples of the RESETN pin.
Figure 26. RESETN/PWR Pin Configurations
Figure 26 (a) SPI / I2C mode only: shows the RESETN pin connected to a digital device that controls device
reset. The resistor and capacitor combination ensure reset is held low even if the CDCM6208 is powered up
before the host controller output signal is valid.
Figure 26(b) SPI / I2C mode only:shows a configuration in which the user wishes to introduce a delay between
the time that the system applies power to the device and the device exiting reset. If the user does not use a
capacitor, then the device effectively ignores the state of the RESETN pin.
Figure 26 (c) Pin mode only: shows a configuration useful if the device is used in Pin Mode. Here device pin
number 44 becomes the PWR input. An external pull down resistor can be used to pull this pin down. If the
resistor is not installed, the pin is internally pulled high.
Figure 27 shows how the different possible device configurations and when the VCO becomes calibrated and the
outputs turn on and off.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com