Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZT Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 26 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 22Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 23Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 24Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 25Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 26Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 27Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 28Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 29Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 78 page
background image
VCXO_P
VCXO_N
Yx_P
Yx_N
Yx_P
Yx_N
Yx_P
Yx_N
Yx_P/N
Yx_P/N
Differential
Differential, Integer Divide
Differential, Integer Divide
Differential, Fractional Divide
Single Ended, Integer Divide
Single Ended, Integer Divide
tPD, SE
tSK,SE,FRAC
tPD,DIFF
tSK,DIFF,INT
tSK,DIFF,FRAC
Yx_P/N
tSK,SE,INT
Single Ended, Fractional Divide
VCXO_P
Single Ended
tSK,SE-DIFF,INT
CDCM6208
SCAS931A – MAY 2012 – REVISED JUNE 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 25. Differential and Single Ended Output Skew and Propagation Delay
DEVICE BLOCK-LEVEL DESCRIPTION
The CDCM6208 includes an on-chip PLL with an on-chip VCO. The PLL blocks consist of a universal input
interface, a phase frequency detector (PFD), charge pump, partially integrated loop filter, and a feedback divider.
Completing the CDCM6208 device are the combination of integer and fractional output dividers and universal
output buffers. The PLL is powered by on-chip low dropout (LDO), linear voltage regulators and the regulated
supply network is partitioned such that the sensitive analog supplies are running from separate LDOs than the
digital supplies which use their own LDO. The LDOs provide isolation of the PLL from any noise in the external
power supply rail with a PSNR of better than -50 dB at all frequencies. The regulator capacitor pin REG_CAP
should be connected to ground by a 10 µF capacitor with low ESR (e.g. below 1
Ω ESR) to ensure stability.
26
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com