Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 20 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 16Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 17Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 18Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 19Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 20Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 21Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 22Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 23Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
Frequency (Hz)
2.9 ps
-50
10M
10K
100
1000
100k
1M
9.2 ps
0.92 ps
-60
0.29 ps
-70
-100
-80
-90
0.092 ps
-65
-55
-75
-85
-95
Frequency (MHz)
0
60
100
120
140
180
200
400
160
80
20
40
200
250
300
350
all zero, (0) max
MSB-9, (1/1024) typ
MSB-9, (1/1024) max
MSB-4, (1/32) max
MSB-13, (1/16384) max
MSB-13, (1/16384) typ
LSB, (1/1048576) max
LSB, (1/1048576) typ
MSB, (1/2) max
MSB, (1/2) typ
CDCM6208
SCAS931A – MAY 2012 – REVISED JUNE 2012
www.ti.com
Figure 7. Fractional Divider Bit Selection Impact on TJ
(Maximum Jitter Across Process, Voltage and Temperature)
Tested using a LeCroy 40 Gbps RealTime scope over a time window of 200 ms. The RJ impact on TJ is
estimated for a BERT 10-12-1. This measurement result is overly pessimistic, as it does not bandwidth limit the
high-frequencies. In a real system, the SERDES TX will BW limit the jitter through its PLL roll-off above the TX
PLL bandwidth of typically bit rate divided by 10.
Power Supply Ripple Rejection (PSRR) versus Ripple Frequency
Many system designs become increasingly more sensitive to Power supply noise rejection, in order to simplify
design and cost. The CDCM6208 has built-in internal voltage regulation, which improves the power supply noise
rejection over designs with no regulators. The following output rejection is achieved:
Figure 8. PSRR (in dBc and DJ [ps]) Over Frequency [Hz] and Output Signal Format (f OUT = 122 MHz)
20
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com