Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 15 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 11Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 12Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 13Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 14Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 15Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 16Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 17Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 18Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 78 page
background image
CDCM6208
www.ti.com
SCAS931A – MAY 2012 – REVISED JUNE 2012
HCSL OUTPUT CHARACTERISTICS
VDD_Yx_Yy, VDD_PRI, VDD_SEC, VDD_PLLx, DVDD, VDD_VCO = 1.71 TO 1.89 V, 2.375 V TO 2.625 V,3.135 V TO 3.465
V, TA = -40 °C TO 85 °C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
V1
1.55
400
fOUT-I
Output Frequency
Integer Output Divider
MHz
V2
1.91
400
fOUT-F
Output Frequency
Fractional Output Divider
0.78
400
MHz
fACC-F
Output Frequency Error (1)
Fractional Output Divider
-1
1
ppm
Output Common Mode
VCM
VDD_Yx_Yy = 2.5/3.3 V
0.2
0.34
0.55
V
Voltage
VDD_Yx_Yy = 1.8 V
0.2
0.33
0.55
V
|VOD|
Differential Output Voltage
VDD_Yx_Yy = 2.5/3.3 V;
0.4
0.67
1.0
V
|VOD|
Differential Output Voltage
VDD_Yx_Yy = 1.8 V
0.4
0.65
1.0
V
Differential Output Peak-to-
VDD_Yx_Yy = 2.5/3.3 V
1.0
2.1
V
peak Voltage
VOUT
Differential Output Peak-to-
2 x|V
VDD_Yx_Yy = 1.8 V
V
peak Voltage
OD|
measured from VDIFF= -100 mV to VDIFF = +100mV,
tR/tF
Output Rise/Fall Time
100
167
250
ps
VDD_Yx_Yy = 2.5/3.3 V
measured from VDIFF= -100 mV to VDIFF= +100 mV,
tR/tF
Output Rise/Fall Time
120
192
295
ps
VDD_Yx_Yy = 1.8 V
VDD_Yx_Yy = 1.8 V
-158.8
-153
dBc/Hz
PN-floor
Phase Noise Floor
fOUT = 122.88 MHz
VDD_Yx = 2.5/3.3 V
-157.6
-153
dBc/Hz
ODC
Output Duty Cycle
Not in bypass mode
45%
55%
(1)
The User's GUI calculates exact frequency error. It is a fixed, static offset. If the desired output target frequency is with the exact reach
of a ½ 20multiple, the actual output frequency error is 0.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com