Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 8Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 9Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 10Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 11Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 12Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 13Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 14Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 15Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 78 page
background image
CDCM6208
SCAS931A – MAY 2012 – REVISED JUNE 2012
www.ti.com
PLL CHARACTERISTICS
VDD_PLLx, VDD_VCO = 1.71 V TO 1.89 V, 2.375 V TO 2.625 V, 3.135 V TO 3.465 V, TA = -40 °C TO 85 °C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
V1
2.39
2.55
fVCO
VCO Frequency Range
GHz
V2
2.94
3.13
V1, 2.39 GHz
178
V1, 2.50 GHz
204
V1, 2.55 GHz
213
KVCO
VCO Gain
MHz/V
V2, 2.94 GHz
236
V2, 3.00 GHz
250
V2, 3.13 GHz
283
fPFD
PFD Input Frequency
0.008
100
MHz
High Impedance Mode Charge
ICP-L
±700
nA
Pump Leakage
Measured in-band phase noise at
Estimated PLL Figure of Merit
fFOM
the VCO output minus 20log(N-
-224
dBc/Hz
(FOM)
divider) at the flat region
Power supply ramp time of 1ms from
0 V to 1.7 V, final frequency
accuracy of 10 ppm, fPFD = 25 MHz,
CDCM6208V1 pin mode use case
tSTARTUP
Startup time (see Figure 29 )
#2, CPDN_to_GND = 22nF
w/ PRI input signal
12.8
ms
w/ NDK 25 MHz crystal
12.85
ms
LVCMOS OUTPUT CHARACTERISTICS
VDD_Yx_Yy = 1.71 V TO 1.89V, 2.375 V TO 2.625 V, 3.135 V TO 3.465 V, TA = -40 °C TO 85 °C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Fract Out divVDD_Yx_Yy =
0.78
250
2.5/3.3 V
Integer out divVDD_Yx_Yy =
fOUT-F
Output Frequency
1.55
250
MHz
2.5/3.3 V
Int or frac out divVDD_Yx_Yy =
0.78/1.5
200
1.8 V
fACC-F
Output Frequency Error (1)
Fractional Output Divider
-1
1
ppm
0.8 x
Output High Voltage (normal
VDD_Yx = min to max, IOH = -1
VOH
VDD_Yx_
V
mode)
mA
Yy
0.2 x
VDD_Yx = min to max, IOL = 100
VOL
Output Low Voltage(normal mode)
VDD_Yx_
V
µA
Yy
0.7 x
VDD_Yx = min to max, IOH = -100
VOH
Output High Voltage (slow mode)
VDD_Yx_
V
µA
Yy
0.3 x
VDD_Yx = min to max, IOL = 100
VOL
Output Low Voltage(slow mode)
VDD_Yx_
V
µA
Yy
V OUT = VDD_Yx_Yy/2
IOH
Output High Current
Normal mode
-50
-8
mA
Slow mode
-45
-5
mA
V OUT = VDD_Yx_Yy/2
IOL
Output Low Current
Normal mode
10
55
mA
Slow mode
5
40
mA
(1)
The User's GUI calculates exact frequency error. It is a fixed, static offset. If the desired output target frequency is with the exact reach
of a multiple 1 over 220, the actual output frequency error is 0.
Note: In LVCMOS Mode, positive and negative outputs are in phase.
12
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com