Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 7Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 8Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 9Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 10Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 11Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 12Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 13Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 14Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
CDCM6208
www.ti.com
SCAS931A – MAY 2012 – REVISED JUNE 2012
CRYSTAL INPUT CHARACTERISTICS (SEC_REF)
VDD_SEC = 1.71 TO 1.89 V, 2.375 V TO 2.625 V, 3.135 V TO 3.465 V,TA = -40°C TO 85°C
PARAMETER
MINI
TYP
MAX
UNITS
Mode of Oscillation
Fundamental
See note (1)
10
30.72
MHz
Frequency
See note (2)
30.73
50
MHz
10 MHz
150(3)
Equivalent Series Resistance (ESR)
25 MHz
70(4)
Ω
50 MHz
30(5)
1.8 V / 3.3 V SEC_REFP
3.5
4.5
5.5
On-chip load capacitance
1.8 V SEC_REFN
5.5
7.25
8.5
pF
3.3 V SEC_REFN
6.5
7.34
8.5
Drive Level
See note (6)
200
µW
(1)
Verified with crystals specified for a load capacitance of CL=8pF, the pcb related capacitive load was estimated to be 2.3pF, and
completed with a load capacitors of 4pF on each crystal terminal connected to GND. XTALs tested: NX3225GA 10MHz EXS00A-
CG02813 CRG, NX3225GA 19.44MHz EXS00A-CG02810 CRG, NX3225GA 25MHz EXS00A-CG02811 CRG, and NX3225GA
30.72MHz EXS00A-CG02812 CRG.
(2)
For 30.73 MHz to 50 MHz, it is recommended to verify sufficient negative resistance and initial frequency accuracy with the crystal
vendor. The 50 MHz use case was verified with a NX3225GA 50MHz EXS00A-CG02814 CRG. To meet a minimum frequency error, the
best choice of the XTAL was one with CL = 7pF instead of CL = 8pF.
(3)
With NX3225GA_10M the measured remaining negative resistance on the EVM is 6430
Ω (43 x margin)
(4)
With NX3225GA_25M the measured remaining negative resistance on the EVM is 1740
Ω (25 x margin)
(5)
With NX3225GA_50M the measured remaining negative resistance on the EVM is 350
Ω (11 x margin)
(6)
Maximum drive level measured was 145 µW; XTAL should at least tolerate 200 µW
SINGLE ENDED OUTPUT CHARACTERISTICS (STATUS1, STATUS0, SDO, SDA)
VDD_Yx_Yy, VDD_PRI, VDD_SEC, VDD_PLLx, DVDD, VDD_VCO = 1.71 V TO 1.89 V, 2.375 V TO 2.625 V, 3.135 V TO
3.465 V; TA = -40 °C TO 85 °C (Output load capacitance 10 pF unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Status 1, Status 0, and SDO only;
SDA is open drain and relies on
0.8 x
VOH
Output High Voltage
V
external pullup for high output; IOH =
DVDD
1 mA
0.2 x
VOL
Output Low Voltage
IOL = 1 mA
V
DVDD
Vslew
Output slew rate
30% - 70%
0.5
V/ns
IOZH
3-stat Output High Current
DVDD = 3.465 V, VIH = 3.465 V
5
µA
IOZL
3-stat Output Low Current
DVDD = 3.465 V, VIL = 0 V
-5
µA
Status Loss of Signal Detection
tLOS
LOS_REFfvco
1
2
1/f PFD
Time
Detect lock
2304
tLOCK
Status PLL Lock Detection Time
1/f PFD
Detect unlock
512
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com