Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZT Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 70 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 66Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 67Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 68Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 69Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 70Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 71Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 72Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 73Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 78 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
C48
0.01uF
DNI
2
DNI
2
0
2
0
2
0
2
R58
12.5k
C38
0.01uF
R2p5
DNI
DNI
2
C51
0.01uF
R54
10k
0
2
DNI
2
DNI
2
C50
750pF
DNI
2
DNI
2
0
2
DNI
2
0
2
0
2
DNI
2
R56
10k
C39
10uF/6.3V
C53
1300pF
DNI
2
DNI
2
R41
10k
U7
OUT1
1
OUT2
2
FB
3
GND
4
EN
5
NR
6
IN2
7
IN1
8
TPS7A8001
DNI
2
DNI
2
DNI
2
C35
10uF/6.3V
C34
10uF/6.3V
0
2
0
2
C49
10uF/6.3V
R40
30.9k
DNI
2
DNI
2
DNI
2
U8
OUT1
1
OUT2
2
FB
3
GND
4
EN
5
NR
6
IN2
7
IN1
8
TPS7A8001
C37
510pF
R3p3
DNI
DNI
2
C36
10uF/6.3V
U6
OUT1
1
OUT2
2
FB
3
GND
4
EN
5
NR
6
IN2
7
IN1
8
TPS7A8001
R1p8
0
C52
10uF/6.3V
R55
21k
3p3V
3p3V
1p8V
2p5V
+5V
2p5V
+5V
1p8V
+5V
VDD_PLL
3p3V
1p8V
2p5V
VDD_OUT01
3p3V
1p8V
2p5V
VDD_OUT23
3p3V
1p8V
2p5V
VDD_OUT4
3p3V
1p8V
2p5V
VDD_OUT5
3p3V
1p8V
2p5V
VDD_OUT7
3p3V
1p8V
2p5V
VDD_PRI_IN
3p3V
1p8V
2p5V
VDD_SEC_IN
3p3V
1p8V
2p5V
3p3V
1p8V
2p5V
DVDD
VDD_OUT6
3.3V Power Supply
MANY VIAS with Heat Sink
2.5V Power Supply
MANY VIAS with Heat Sink
1.8V Power Supply
MANY VIAS with Heat Sink
If SPI or I2C is used, set DVDD to the same
supply voltage (e.g. 1.8V, 2.5V, or 3.3V)
VDD_OUT4, 5, 6, and VDD_OUT7 supply setting
reflect the CMOS signal output swing
01
CDCM6208 Reference Schematic
December, 2011
Title
Rev
Date:
Sheet
of
3
3
Every supply can individually be connected to either 1.8V, 2.5V, or 3.3V. It is also possible to
run all IO from one single supply at 1.8V, 2.5V, or 3.3V.
CDCM6208
SCAS931A – MAY 2012 – REVISED JUNE 2012
www.ti.com
Figure 55. Schematic page 3
70
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com