Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZT Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 66 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 62Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 63Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 64Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 65Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 66Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 67Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 68Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 69Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 78 page
background image
CDCM6208
SCAS931A – MAY 2012 – REVISED JUNE 2012
www.ti.com
Table 40. Register 21 (Read Only) (continued)
BIT
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
4
RESERVED
This bit will read a 0
3
RESERVED
This bit will read a 0
Indicates unlock status for PLL (digital):
0
→ PLL locked
1
→ PLL unlocked
2
PLL_UNLOCK
Note: the external output signal on Status 0 or Status 1 uses a
reversed logic, and indicates "lock" with a VOH signal and unlock
with a VOL signaling level.
Device Status
Loss of reference input observed at input Smart MUX output in
Monitoring
observation window for PLL:
1
LOS_REF
0
→ Reference input present
1
→ Loss of reference input
Indicates Reference Selected for PLL:
0
SEL_REF
0
→ Primary
1
→ Secondary
Table 41. Register 40 (Read Only)
BIT
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
15
RESERVED
Ignore
14
RESERVED
Ignore
13
RESERVED
Ignore
12
RESERVED
Ignore
11
RESERVED
Ignore
10
RESERVED
Ignore
9
RESERVED
Ignore
8
RESERVED
Ignore
7
RESERVED
Ignore
6
RESERVED
Ignore
Indicates the device version (Read only):
5:3
VCO_VERSION
000
→ CDCM6208V1
001
→ CDCM6208V2
Device Information
Indicates the silicon die revision (Read only):
2:0
DIE_REVISION
000
→ PG1.0 (engineering silicon)
001
→ PG2.2 (final silicon)
Table 42. Default Register Setting For SPI/I2C Modes
Register
CDCM6208V1
CDCM6208V2
0
0x01B8
0x01B8
1
0x0000
0x0000
2
0x0018
0x0013
3
0x08F4
0x08F5
4
0x30EC
0x30EC
5
0x0132
0x0022
6
0x0003
0x0003
7
0x0022
0x0022
8
0x0003
0x0004
9
0x0202
0x0002
10
0x003B
0x0090
11
0x01EC
0x0000
12
0x0202
0x0002
13
0x003B
0x0090
66
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com