Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZT Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 63 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 59Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 60Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 61Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 62Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 63Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 64Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 65Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 66Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 78 page
background image
CDCM6208
www.ti.com
SCAS931A – MAY 2012 – REVISED JUNE 2012
Table 31. Register 12
BIT
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
15
RESERVED
This bit must be set to 0
Output MUX setting for output channel 5:
00 and 11
→ PLL
14:13
OUTMUX_CH5[1:0]
01
→ Primary input
10
→ Secondary input
Output channel 5 fractional divider's 3-b pre-divider setting(this pre-
divider is bypassed if Q12.9 = 0)
000
→ Divide by 2
12:10
PRE_DIV_CH5[2:0]
001
→ Divide by 3
111
→ Divide by 1; (only for CDCM6208V1 with fVCO ≤ 2.4GHz)
All other combinations reserved
Output channel 5 fractional divider enable:
9
EN_FRACDIV_CH5
0
→ Disable
1
→ Enable
Output channel 5 LVCMOS output slew:
8
LVCMOS_SLEW_CH5
0
→ Normal
1
→ Slow
Output channel 5 negative-side LVCMOS enable:
0
→ Disable
7
EN_LVCMOS_N_CH5
Output Channel 5
1
→ Enable (Negative side can only be enabled if positive side is
enabled)
Output channel 5 positive-side LVCMOS enable:
6
EN_LVCMOS_P_CH5
0
→ Disable
1
→ Enable
5
RESERVED
This bit must be set to 0
Output channel 5 type selection:
00 or 01
→ LVDS
4:3
SEL_DRVR_CH5[2:0]
10
→ LVCMOS
11
→ HCSL
Output channel 5 enable:
00
→ Disable
2:1
EN_CH5[1:0]
01
→ Enable
10
→ Drive static 0
11
→ Drive static 1
Output channel 5Supply Voltage Selection:
0
SUPPLY_CH5 (1)
0
→ 1.8 V
1
→ 2.5/3.3 V
(1)
It is ok to power up the device with a 2.5 V/3.3 V supply while this bit is set to 0 and to update this bit thereafter.
Table 32. Register 13
BIT
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
15
RESERVED
This bit must be set to 0
14
RESERVED
This bit must be set to 0
13
RESERVED
This bit must be set to 0
12
RESERVED
This bit must be set to 0
Output channel 5 8-b integer divider setting
11:4
OUTDIV5[7:0]
(Divider value is register value +1)
Output Channel 5
3:0
FRACDIV5[19:16]
Output channel 5 20-b fractional divider setting, bits 19-16
Table 33. Register 14
BIT
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
15:0
FRACDIV5[15:0]
Output Channel 5
Output channel 5 20-b fractional divider setting, bits 15-0
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com