Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZT Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 58 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 54Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 55Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 56Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 57Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 58Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 59Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 60Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 61Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 78 page
background image
CDCM6208
SCAS931A – MAY 2012 – REVISED JUNE 2012
www.ti.com
Table 19. Register 0 (continued)
BIT
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
PLL Internal Loop Filter Resistor (R3) Selection
000
→ 10 Ω
001
→ 30 Ω
010
→ 60 Ω
PLL Internal Loop Filter
6:4
LF_R3[2:0]
011
→ 100 Ω
(R3)
100
→ 530 Ω
101
→ 1050 Ω
110
→ 2080 Ω
111
→ 4010 Ω
PLL Charge Pump Current Setting
000
→ 500 µA
001
→ 1.0 mA
010
→ 1.5 mA
3:1
PLL_ICP[2:0]
PLL Charge Pump
011
→ 2.0 mA
100
→ 2.5 mA
101
→ 3.0 mA
110
→ 3.5 mA
111
→ 4.0 mA
This bit is tied to zero statically, and it is recommended to set to 0
0
RESERVED
when writing to register.
Table 20. Register 1
BIT
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
PLL Reference 14-b Divider Selection
15:2
PLL_REFDIV[13:0]
PLL Reference Divider
(Divider value is register value +1)
1:0
PLL_FBDIV1[9:8]
PLL Feedback Divider 1
PLL Feedback 10-b Divider Selection, Bits 9:8
Table 21. Register 2
BIT
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
PLL Feedback 10-b Divider Selection, Bits 7:0
15:8
PLL_FBDIV1[7:0]
PLL Feedback Divider 1
(Divider value is register value +1)
PLL Feedback 8-b Divider Selection
7:0
PLL_FBDIV0[7:0]
PLL Feedback Divider 0
(Divider value is register value +1)
Table 22. Register 3
BIT
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
15:13
RESERVED
These bits must be set to 0
Reference clock status enable on Status 1 pin:
12
ST1_SEL_REFCLK
0
→ Disable
1
→ Enable (See Table 13 for full description)
Loss-of-reference Enable on Status 1 pin:
11
ST1_LOR_EN
0
→ Disable"
1
→ Enable (See Table 13 for full description)
PLL Lock Indication Enable on Status 1 pin:
10
ST1_PLLLOCK_EN
0
→ Disable
1
→ Enable (See Table 13 for full description)
Device Status
Reference clock status enable on Status 0 pin:
9
ST0_SEL_REFCLK
0
→ Disable
1
→ Enable (See Table 13 for full description)
Loss-of-reference Enable on Status 0 pin:
8
ST0_LOR_EN
0
→ Disable
1
→ Enable (See Table 13 for full description)
PLL Lock Indication Enable on Status 0 pin:"
7
ST0_PLLLOCK_EN
0
→ Disable
1
→ Enable (See Table 13 for full description)
Device Reset Selection:
6
RSTN
Device Reset
0
→ Device In Reset (retains register values)
1
→ Normal Operation
58
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com