Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZT Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 57 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 53Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 54Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 55Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 56Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 57Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 58Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 59Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 60Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 78 page
background image
PRI
INT
DIV
I
SEC
R
N
M
Charge Pump
and
Loop Filter
INT
DIV
FRAC
DIV
FRAC
DIV
FRAC
DIV
FRAC
DIV
VCO
PSA
PSB
PRI
SEC
PRI
SEC
REG 6
REG 8
REG 9,10,11
REG 15,16,17
REG 18,19, 20
REG 12,13,14
REG 0
REG 1
REG 2 / REG1
REG 3
REG 4
CDCM6208 Register programming
REG 9
REG 12
REG 4
REG 4
REG 5
REG 7
CDCM6208
www.ti.com
SCAS931A – MAY 2012 – REVISED JUNE 2012
DEVICE REGISTER MAP
In SPI/I2C mode the device can be configured through twenty registers. Register 4 configures the input, Reg 0-3
the PLL and dividers, and Register 5 - 20 configures the 8 different outputs.
Figure 52. Device Register Map
Table 19. Register 0
BIT
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
15:10
RESERVED
These bits must be set to 0
PLL Internal Loop Filter Capacitor (C3) Selection
000
→ 35 pF
001
→ 112.5 pF
010
→ 177.5 pF
PLL Internal Loop Filter
9:7
LF_C3[2:0]
011
→ 242.5 pF
(C3)
100
→ 310 pF
101
→ 377.5 pF
110
→ 445 pF
111
→ 562.5 pF
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
57
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com