Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZT Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 55 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 51Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 52Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 53Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 54Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 55Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 56Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 57Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 58Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 78 page
background image
OSC
=
OUT
(O × PS_A)
f
f
SEC_REF
VCO
=
M
(N × PS_A)
f
f
PRI_REF
VCO
=
(M × R)
(N × PS_A)
f
f
CDCM6208
www.ti.com
SCAS931A – MAY 2012 – REVISED JUNE 2012
Table 18. I2C TIMING
SYMBOL
PARAMETER
STANDARD MODE
FAST MODE
UNITS
MIN
MAX
MIN
MAX
fSCL
SCL Clock Frequency
0
100
0
400
kHz
tsu(START)
START Setup Time (SCL high before SDA
4.7
0.6
μs
low)
th(START)
START Hold Time (SCL low after SDA low)
4.0
0.6
μs
tw(SCLL)
SCL Low-pulse duration
4.7
1.3
μs
tw(SCLH)
SCL High-pulse duration
4.0
0.6
μs
th(SDA)
SDA Hold Time (SDA valid after SCL low)
0 (1)
3.45
0
0.9
μs
tsu(SDA)
SDA Setup Time
250
100
ns
tr-in
SCL / SDA input rise time
1000
300
ns
tf-in
SCL / SDA input fall time
300
300
ns
tf-out
SDA Output fall time from VIH min to VIL max
250
250
ns
with a bus capacitance from 10 pF to 400 pF
tsu(STOP)
STOP Setup Time
4.0
0.6
μs
tBUS
Bus free time between a STOP and START
4.7
1.3
μs
condition
tglitch_filter
Pulse width of spikes suppressed by the
75
300
75
300
ns
input glitch filter
(1)
The I2C master must internally provide a hold time of at least 300 ns for the SDA signal to bridge the undefined region of the falling edge
of SCL.
For additional information refer to the I2C-Bus specification, Version 2.1 (January 2000); the CDCM6208 meets
the switching characteristics for standard mode and fast mode transfer.
CONFIGURING THE PLL
The CDCM6208 allows configuring the PLL to accommodate various input and output frequencies either through
an I2C or SPI programming interface or in the absence of programming, the PLL can be configured through
control pins. The PLL can be configured by setting the Smart Input MUX, Reference Divider, PLL Loop Filter,
Feedback Divider, Prescaler Divider and Output Dividers.
For the PLL to operate in closed loop mode, the following condition in Equation 2 has to be met when using
primary input for the reference clock and the condition in Equation 3 has to be met when using secondary input
for the reference clock.
(2)
(3)
In Equation 2 and Equation 3, ƒPRI_REF is the reference input frequency on the primary input and ƒSEC_REF is the
reference input frequency on the secondary input, R is the reference divider, M is the input divider, N is the
feedback divider, and PS_A the prescaler divider A.
The output frequency, ƒOUT, is a function of ƒVCO, the prescaler A, and the output divider (O), and is given by
Equation 4. (Use PS_B in for outputs 2, 3, 6, and 7).
(4)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com