Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZT Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 51 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 47Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 48Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 49Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 50Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 51Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 52Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 53Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 54Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 78 page
background image
CDCM6208
SDO
(#34)
Data out
SCS (#37)
LVCMOS
&
0
0
0
SDO internal
enable signal
D
15
D
14
D
13
D
12
D
11
D
10
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
0
0
0
0
A
10
A
9
A
8
A
7
A
6
A
5
A
4
A
3
A
2
A
1
A
0
Fixed (4 bits)
Register Address (11 bits)
Data Payload (16 bits)
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Message Field Definition
Bit Definition
Order of Transmission
First Out
Examples:
Read Register 4:
1|000 0|000 0000 0100| xxxx xxxx xxxx xxxx
Write 0xF0F1 to Register 5:
0|000 0|000 0000 0101| 1111 0000 1111 0001
MSB
LSB
CDCM6208
www.ti.com
SCAS931A – MAY 2012 – REVISED JUNE 2012
The host must present data to the device MSB first. A message includes a transfer direction bit, an address field,
and a data field as depicted in Figure 44
Figure 44. CDCM6208 SPI Message Format
Writing to the CDCM6208
To initiate a SPI data transfer, the host asserts the SCS (serial chip select) pin low. The first rising edge of the
clock signal (SCL) transfers the bit presented on the SDI pin of the CDCM6208. This bit signals if a read (first bit
high) or a write (first bit low) will transpire. The SPI port shifts data to the CDCM6208 with each rising edge of
SCL. Following the W/R bit are 4 fixed bits followed by 11 bits that specify the address of the target register in
the register file. The 16 bits that follow are the data payload. If the host sends an incomplete message, (i.e. the
host de-asserts the SCS pin high prior to a complete message transmission), then the CDCM6208 aborts the
transfer, and device makes no changes to the register file or the hardware. Figure 46 shows the format of a write
transaction on the CDCM6208 SPI port. The host signals the CDCM6208 of the completed transfer and disables
the SPI port by de-asserting the SCS pin high.
Reading from the CDCM6208
As with the write operation, the host first initiates a SPI transfer by asserting the SCS pin low. The host signals a
read operation by shifting a logical high in the first bit position, signaling the CDCM6208 that the host is imitating
a read data transfer from the device. During the portion of the message in which the host specifies the
CDCM6208 register address, the host presents this information on the SDI pin of the device (for the first 15 clock
cycles after the W/R bit). During the 16 clock cycles that follow, the CDCM6208 presents the data from the
register specified in the first half of the message on the SDO pin. The SDO output is 3-stated anytime SCS is
high, so that multiple SPI slave devices can be connected to the same serial bus. The host signals the
CDCM6208 that the transfer is complete by de-asserting the SCS pin high.
Figure 45.
Block Write/Read Operation
The device supports a block write and block read operation. The host need only specify the lowest address of the
sequence of addresses that the host needs to access. The CDCM6208 will automatically increment the internal
register address pointer if the SCS pin remains low after the SPI port finishes the initial 32-bit transmission
sequence. Each transmission of 16 bits (a data payload width) results in the device automatically incrementing
the address pointer (provided the SCS pin remains active low for all sequences).
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com