Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZT Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 49 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 45Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 46Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 47Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 48Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 49Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 50Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 51Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 52Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
CDCM6208
www.ti.com
SCAS931A – MAY 2012 – REVISED JUNE 2012
Table 13. CDCM6208 Status Pin Definition List (continued)
STATUS
SIGNAL Type
SIGNAL NAME
REGISTER BIT Description
SIGNAL Name
NO.
PLL_UNLOCK
LVCMOS
STATUS0/1
Reg 3.10
Indicates unlock status for PLL (digital):
Reg 3.7
PLL locked
→ Q21.02 = 0 and VSTATUS0/1= VIH
PLL unlocked
→ Q21.2 = 1 and VSTATUS0/1= VILSee note
(1)
Note 2: I f the smartmux is enabled and both reference clocks stall,
the STATUSx output signal will 98% of the time indicate the LOS
condition with a static high signal. However, in 2% of the cases, the
LOS detection engine erroneously stalls at a state where the
STATUSx output PLL lock indicator will signalize high for 511 out of
every 512 PFD clock cycles.
(1)
The reverse logic between the register Q21.2 and the external output signal on STATUS0 or STATUS1.
NOTE
It is recommended to assert only one out of the three register bits for each of the status
pins. For example, to monitor the PLL lock status on STATUS0 and the selected reference
clock sources on STATUS1 output, the device register settings would be Q3.11 = Q3.9 =
1 and Q3.12 = Q3.10 = Q3.8 = Q3.7 = 0. If a status pin is unused, it is recommended to
set the according 3 register bits to zero (e.g. Q3[12:9] = 0 ofr STATUS0 = 0). If more than
one bit is enabled for each STATUS signal, the function becomes OR'ed. For example, if
Q3.11 = Q3.10 = 1 and Q3.12 = 0, the STATUS0 output would be high either if the device
goes out of lock or the selected reference clock signal is lost.
PLL lock detect
The PLL lock detection circuit is a digital detection circuit and detects any frequency error, even a single cycle
slip. The PLL unlock is signalized when a certain number of cycle slips have been exceeded, at which point the
counter is reset. A frequency error of 2% will cause PLL unlock to stay low. A 0.5% frequency error shows up as
toggling the PLL lock output with roughly 50% duty cycle at roughly 1/1000 th of the input reference frequency to
the device. A frequency error of 1ppm would show up as rare toggling low for a duration of approximately 1000
input clock cycles. If the customer system plans using PLL lock to toggle a system reset, then consider adding an
RC filter on the PLL LOCK output (Status 1 or Status 0) to avoid rare cycle slips from triggering an entire system
reset.
Interface and control
The host (DSP, Microcontroller, FPGA, etc) configures and monitors the CDCM6208 via the SPI or I2C port. The
host reads and writes to a collection of control/status bits called the register file. Typically, a hardware block is
controlled and monitored via a specific grouping of bits located within the register file. The host controls and
monitors certain device-wide critical parameters directly via control/status pins. In the absence of a host, the
CDCM6208 can be configured to operate in pin mode where the control pins [PIN0-PIN4] can be set
appropriately to generate the necessary clock outputs out of the device.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com