Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZT Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 47 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 43Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 44Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 45Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 46Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 47Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 48Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 49Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 50Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 78 page
background image
REF_SEL f(PFD)
ICP
suggested loop Filter
Freq
[MHz]
Type
Freq
[MHz]
Type
[MHz]
[mA]
C1/R2/C2
R3
C3
00
out
SPI Default
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x00
Pin Mode 1 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x01
Pin Mode 2 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x02
Pin Mode 3 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x03
Pin Mode 4 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x04
Pin Mode 5 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x05
Pin Mode 6 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x06
Pin Mode 7 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x07
Pin Mode 8 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x08
Pin Mode 9 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x09
Pin Mode 10 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x0A
Pin Mode 11 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x0B
Pin Mode 12 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x0C
Pin Mode 13 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x0D
Pin Mode 14 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x0E
Pin Mode 15 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x0F
Pin Mode 16 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x10
Pin Mode 17 - V1
30.72
LVDS
30.72
Crystal
SEC
30.72
2.5
220pF/400/22nF
100 Ohm 242.5 pF
10 0x11
Pin Mode 18 - V1 24.883
LVDS
24.883
Crystal
SEC
24.8832 2.5
100 Ohm 242.5 pF
10 0x12
Pin Mode 19 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x13
Pin Mode 20 - V1
0.008
LVCMOS
0.008
LVCMOS
PRI
0.008
0.5
1uF/1.3k/22uF
4010 Ohm 562.5 pF
10 0x14
Pin Mode 21 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x15
Pin Mode 22 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x16
Pin Mode 23 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x17
Pin Mode 24 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x18
Pin Mode 25 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x19
Pin Mode 26 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x1A
Pin Mode 27 - V1
25
LVDS
25
Crystal
SEC
25
2.5
10 Ohm
30.0 pF
10 0x1B
Pin Mode 28 - V1
25
LVDS
25
Crystal
SEC
25
2.5
100 Ohm 242.5 pF
10 0x1C
Pin Mode 29 - V1
10
LVCMOS
10
Crystal
AUTO
10
2.5
20pF/1210/68nF
100 Ohm 242.5 pF
10 0x1D
Pin Mode 30 - V1
25
LVCMOS
25
Crystal
PRI
25
2.5
100pF/500R/22nF
100 Ohm 242.5 pF
10 0x1E
Pin Mode 31 - V1
30.72
LVDS
30.72
LVDS
PRI
0.04
0.5
4.7uF/250/47uF
4010 Ohm 562.5 pF
10 0x1F
Pin Mode 32 - V1
25
LVDS
x
x
PRI
25
2.5
100pF/500R/22nF
100 Ohm 242.5 pF
100pF/500R/22nF
Internal LPF
components
PRI_REF
SEC_REF
100pF/500R/22nF
100pF/500R/22nF
CDCM6208
www.ti.com
SCAS931A – MAY 2012 – REVISED JUNE 2012
Loop Filter recommendations for pin modes
The following two tables provide the internal charge pump and R3/C3 settings for pin modes. The designer can
either design their own, optimized loop filter, or use the suggested loop filter in the table.
Table 11. CDCM6208V1 Loop Filter Recommendation for Pin Mode
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com