Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZT Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 45 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 41Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 42Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 43Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 44Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 45Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 46Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 47Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 48Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
CDCM6208
www.ti.com
SCAS931A – MAY 2012 – REVISED JUNE 2012
Table 10. PRE-CONFIGURED SETTINGS OF CDCM6208V2 ACCESSIBLE BY PIN[4:0](1)(2)
UseCase
Type
Type
f(PFD)
f(VCO)
Type
Type
Type
Type
Type
Type
Type
Type
00
I/O
SPI Default
30.72
LVDS
30.72
Crystal
MANU
30.72
3072
153.60
LVDS
153.60
LVDS
122.88
LVDS
122.88
LVDS
61.44
LVDS
61.44
LVDS
30.72
LVDS
30.72
LVDS
01
I/O
I2C Default
30.72
LVDS
30.72
Crystal
MANU
30.72
3072
153.60
LVDS
153.60
LVDS
122.88
LVDS
122.88
LVDS
61.44
LVDS
61.44
LVDS
30.72
LVDS
30.72
LVDS
11
RESERVED
10
0x00
PinMode 1-V2
19.44
LVDS
19.44
Crystal
MANU
19.44
3110.4
155.52
PECL
155.52
PECL
155.52
PECL
155.52
PECL
155.52
LVDS
155.52
LVDS
155.52
LVDS
155.52
LVDS
10
0x01
PinMode 2-V2
19.44
LVDS
19.44
Crystal
MANU
19.44
3110.4
155.52
PECL
155.52
PECL
155.52
PECL
155.52
PECL
155.52
LVDS
155.52
LVDS
155.52
LVDS
155.52
LVDS
10
0x02
PinMode 3-V2
19.44
LVDS
19.44
Crystal
MANU
19.44
3110.4
155.52
PECL
155.52
PECL
155.52
PECL
155.52
PECL
155.52
HCSL
155.52
HCSL
155.52
HCSL
155.52
HCSL
10
0x03
PinMode 4-V2
19.44
LVDS
19.44
Crystal
MANU
19.44
3110.4
622.08
PECL
622.08
PECL
622.08
PECL
622.08
PECL
155.52
LVDS
155.52
LVDS
155.52
LVDS
155.52
LVDS
10
0x04
PinMode 5-V2
25
LVDS
25
Crystal
MANU
25
3000
125
PECL
125
PECL
125
PECL
125
PECL
100
HCSL
100
HCSL
100
HCSL
100
HCSL
10
0x05
PinMode 6-V2
25
LVDS
25
Crystal
MANU
25
3000
125
LVDS
125
LVDS
125
LVDS
125
LVDS
100
LVDS
100
LVDS
100
LVDS
100
LVDS
10
0x06
PinMode 7-V2
25
LVDS
25
Crystal
MANU
25
3000
250
LVDS
250
LVDS
250
LVDS
250
LVDS
250
LVDS
250
LVDS
250
LVDS
250
LVDS
10
0x07
PinMode 8-V2
25
LVDS
25
Crystal
MANU
25
3000
200
PECL
200
PECL
200
PECL
200
PECL
200
HCSL
200
HCSL
200
HCSL
200
HCSL
10
0x08
PinMode 9-V2
25
LVDS
25
Crystal
MANU
25
3000
187.5
PECL
187.5
PECL
187.5
PECL
187.5
PECL
187.5
HCSL
187.5
HCSL
187.5
HCSL
187.5
HCSL
10
0x09
PinMode 10-V2
38.4
LVDS
38.4
Crystal
MANU
38.4
3072
153.6
LVDS
153.6
LVDS
122.88
LVDS
122.88
LVDS
122.88
LVDS
122.88
LVDS
153.6
LVDS
153.6
LVDS
10
0x0A
PinMode 11-V2
38.4
LVDS
38.4
Crystal
MANU
9.6
3072
153.6
LVDS
153.6
LVDS
122.88
LVDS
122.88
LVDS
122.88
LVDS
122.88
LVDS
153.6
LVDS
153.6
LVDS
10
0x0B
PinMode 12-V2
25
LVDS
25
Crystal
MANU
25
3000
100
LVDS
x
x
x
x
x
x
100
HCSL
25
CMOS
24
CMOS
27
CMOS
10
0x0C
PinMode 13-V2
122.88
LVDS
122.88
LVDS
MANU
3.072
3072
153.6
LVDS
153.6
LVDS
122.88
LVDS
122.88
LVDS
30.72
LVDS
30.72
LVDS
61.44
LVDS
61.44
LVDS
10
0x0D
PinMode 14-V2
153.6
LVDS
153.6
LVDS
MANU
0.384
3072
153.6
LVDS
153.6
LVDS
122.88
LVDS
122.88
LVDS
30.72
LVDS
30.72
LVDS
61.44
LVDS
61.44
LVDS
10
0x0E
PinMode 15-V2
30.72
LVDS
30.72
Crystal
MANU
30.72
2949.12
491.52
PECL
491.52
PECL
245.76
PECL
245.76
PECL
122.88
LVDS
122.88
LVDS
61.44
LVDS
30.72
LVDS
10
0x0F
PinMode 16-V2
19.44
LVDS
19.44
Crystal
MANU
19.44
3110.4
155.52
LVDS
155.52
LVDS
155.52
LVDS
155.52
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
10
0x10
PinMode 17-V2
30.72
LVDS
30.72
Crystal
MANU
30.72
2949.12
245.76
LVDS
245.76
LVDS
245.76
LVDS
245.76
LVDS
122.88
LVDS
122.88
LVDS
122.88
LVDS
122.88
LVDS
10
0x11
PinMode 18-V2
25
LVDS
25
Crystal
MANU
6.25
3125
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
106.25
LVDS
106.25
LVDS
106.25
LVDS
106.25
LVDS
10
0x12
PinMode 19-V2
25
LVDS
25
Crystal
MANU
25
3000
125
LVDS
125
LVDS
125
LVDS
125
LVDS
106.25
LVDS
106.25
LVDS
106.25
LVDS
106.25
LVDS
10
0x13
PinMode 20-V2
25
LVDS
25
Crystal
MANU
25
3125
156.25
PECL
156.25
PECL
125
PECL
125
PECL
66.67
CMOS
33.33
CMOS
50
CMOS
25
CMOS
10
0x14
PinMode 21-V2
25
CMOS
25
Crystal
MANU
25
3125
125
LVDS
125
LVDS
125
LVDS
125
LVDS
66.67
LVDS
156.25
LVDS
125
LVDS
100
LVDS
10
0x15
PinMode 22-V2
25
LVDS
25
Crystal
MANU
1
3072
153.6
LVDS
153.6
LVDS
122.88
LVDS
122.88
LVDS
66.67
LVDS
156.25
LVDS
30.72
LVDS
100
LVDS
10
0x16
PinMode 23-V2
19.2
LVDS
19.2
Crystal
MANU
3.84
2949.12
122.88
LVDS
122.88
PECL
122.88
LVDS
122.88
LVDS
30.72
LVDS
66.67
LVDS
153.6
LVDS
250
LVDS
10
0x17
PinMode 24-V2
30.72
LVDS
30.72
Crystal
MANU
30.72
2949.12
122.88
LVDS
122.88
LVDS
30.72
LVDS
30.72
LVDS
66.67
LVDS
100
LVDS
156.25
LVDS
156.25
LVDS
10
0x18
PinMode 25-V2
25
LVDS
25
Crystal
MANU
25
3000
125
LVDS
125
LVDS
125
LVDS
125
LVDS
68.75
LVDS
68.75
LVDS
68.75
LVDS
68.75
LVDS
10
0x19
PinMode 26-V2
10
LVDS
10
Crystal
MANU
0.08
2949.12
245.76
PECL
245.76
PECL
122.88
PECL
122.88
PECL
125
LVDS
100
LVDS
307.2
LVDS
307.2
LVDS
10
0x1A
PinMode 27-V2
30.72
LVDS
30.72
LVDS
MANU
30.72
2949.12
122.88
LVDS
x
x
30.72
LVDS
30.72
LVDS
156.25
LVDS
156.25
LVDS
100
LVDS
66.67
LVDS
10
0x1B
PinMode 28-V2
10
CMOS
10
LVDS
MANU
0.08
2949.12
245.76
CML
245.76
CML
122.88
CML
122.88
CML
30.72
LVDS
66.67
LVDS
156.25
LVDS
307.2
LVDS
(1)
The functionality of the status 0 and status 1 pin in SPI and I2C mode is programmable.
(2)
The REF_SEL input pin selects the primary or secondary input in MANUAL mode. If the system only requires one input, the second input stage power supply can be connected to GND to
minimize device power consumption. So if the system only uses a XTAL on the secondary input, REF_SEL should be tied to VDD.
For all pin modes, STATUS0 outputs the PLL_LOCK signal and STATUS1 the LOSS OF REFERENCE.
General Note: in all PIN MODEs, All voltage supplies must either be 1.8 V or 2.5/3.3 V and the PWR pin number 44 must be set 0 or 1 accordingly. In SPI and I2C mode, the supply
voltages can be "mixed and matched" as long as the corresponding register bits reflect the supply voltage setting for each desired 1.8 V or 2.5/3.3 V supply.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com