Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZT Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 37 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 33Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 34Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 35Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 36Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 37Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 38Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 39Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 40Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 78 page
background image
CDCM6208
www.ti.com
SCAS931A – MAY 2012 – REVISED JUNE 2012
The fractional output divider requires an input frequency from 400 MHz to 800 MHz, and outputs any frequency
equal or less than 400 MHz (the minimum fractional output divider setting is 2). The fractional divider block has a
first stage integer pre-divide followed by a fractional sigma-delta output divider block that is deep enough such as
to generate any output frequency in the range of 0.78 MHz to 400 MHz from any input frequency in the range of
400 MHz to 800 MHz with a worst case frequency accuracy of no more than ±1ppm. The fractional values
available are all possible 20-b representation of fractions within the following range:
1.0
≤ ƒracDIV ≤ 1.9375
2.0
≤ ƒracDIV ≤ 3.875
4.0
≤ ƒracDIV ≤ 5.875
x.0
≤ ƒracDIV ≤ (x + 1) + 0.875 with x being all even numbers from x = 2, 4, 6, 8, 10, ...., 254
254.0
≤ ƒracDIV ≤ 255.875
256.0
≤ ƒracDIV ≤ 256.99999
The CDCM6208 user GUI comprehends the fractional divider limitations best and it is therefore recommended to
use the user GUI to comprehend frequency planning.
The fractional divider output jitter is a function of fractional divider input frequency and furthermore depends on
which bits are exercised within the fractional divider. Exercising only MSB or LSB bits provides better jitter than
exercising bits near the center of the fractional divider. Jitter data are provided in this document, and vary from
50 ps-pp to 200 ps-pp, when the device is operated as a frequency synthesizer with high PLL bandwidths
(approximately 100 kHz to 400 kHz). When the device is operated as a jitter cleaner with low PLL bandwidths (<
1 kHz), its additive total jitter increases by as much as 30 ps-pp. The fractional divider can be used in integer
mode. However, if only an integer divide ratio is needed, it is important to disable the corresponding fractional
divider enable bit, which engages the higher performing integer divider.
OUTPUT SYNCHRONIZATION
Both types of output dividers can be synchronized using the SYNCN signal. For the CDCM6208, this signal
comes from the SYNCN pin or the soft SYNCN register bit R3.5. The most common way to execute the output
synchronization is to toggle the SYNCN pin. When SYNC is asserted (V SYNCN ≤ VIL), all outputs are disabled
(high-impedance) and the output dividers are reset. When SYNC is de-asserted (V SYNCN ≥ VIH), the device first
internally latch the signal, then retimes the signal with the pre-scaler, and finally turns all outputs simultaneously
on. The first rising edge of the outputs is therefore approximately 15 ns to 20 ns delayed from the SYNC pin
assertion. For one particular device configuration, the uncertainty of the delay is ±1 PS_A clock cycles. For one
particular device and one particular configuration, the delay uncertainty is one PS_A clock cycle.
The SYNC feature is particularly helpful in systems with multiple CDCM6208. If SYNC is released simultaneously
for all devices, the total remaining output skew uncertainty is ±1 clock cycles for all devices configured to
identical pre-scaler settings. For devices with varying pre-scaler settings, the total part-to-part skew uncertainty
due to sync remains ±2 clock cycles.
Outputs Y0, Y1, Y4, and Y5 are aligned with the PS_A output while outputs Y2, Y3, Y6, and Y7 are aligned with
the PS_B output). All outputs Y[7:0] turn on simultaneously, if PS_B and PS_A are set to identical divide values
(PS_A=PS_B).
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com