Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZT Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 36 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 32Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 33Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 34Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 35Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 36Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 37Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 38Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 39Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 78 page
background image
÷ 1, 2 or 3
Pre-Scaler
output clock
398-800MHz
Limit: 200-400MHz
÷ 4, 5 or 6
VCO
2.39-2.55GHz
2.94-3.13GHz
Pre-Scaler PS_A or PS_B
FracDiv Pre Divider
Reg 9.12:10
Reg 12.12:10
Reg 15.12:10
Reg 18.12:10
÷ 1 to 256
Reg 10.11:4
Reg 13.11:4
Reg 16.11:4
Reg 19.11:4
Integer Divider
Reg 3.4:0
.xxx
Reg 10.3:0 + Reg 11
Reg 13.3:0 + Reg 14
Reg 16.3:0 + Reg 17
Reg 19.3:0 + Reg 20
Fractional Divider (simplified)
Fractional division
CDCM6208
SCAS931A – MAY 2012 – REVISED JUNE 2012
www.ti.com
LVPECL-like: Outputs Y[3:0] support LVPECL-like signaling. The actual output stage uses a CML structure but
drives the same signal amplitude and rise time as true emitter coupled logic output stages. The LVPECL-like
outputs should be AC-coupled, and contrary to standard PECL designs, no external termination resistor to VCC-
2V is used (fewer components for lowest BOM cost). See reference schematic Figure 56 for an example. The
supply voltage for outputs configured LVPECL-like is recommended to be 3.3 V, though even 1.8 V provides
nearly the same output swing and performance at much lower power consumption.
CML: Outputs Y[3:0] support standard CML signaling. The supply voltage for outputs configured CML can be
selected freely between 1.8 V and 3.3 V. A true CML receiver can be driven DC coupled. All other differential
receiver should connected using AC coupling. See reference schematic Figure 56 for a circuit example.
HCSL: Outputs Y[7:4] support HCSL signaling. The supply voltage for outputs configured HCSL can be selected
freely between 1.8 V and 3.3 V. HCSL is referenced to GND, and requires external 50
Ω termination to GND.
See reference schematic for an example.
CMOS: Outputs Y[7:4] support 1.8 V, 2.5 V, and 3.3 V CMOS signaling. A fast or reduced slew rate can be
selected through register programming. Each differential output port can drive one or two CMOS output signals.
Both signals are “in-phase”, meaning their phase offset is zero degree, and not 180
˚. The output swing is set by
providing the according supply voltage (e.g. if VDD_Y4=2.5 V, the output swing on Y4 will be 2.5 V CMOS).
Outputs configured for CMOS should only be terminated with a series-resistor near the device output to preserve
the full signal swing. Terminating CMOS signals with a 50
Ω resistor to GND would reduce the output signal
swing significantly.
Integer Output Divider (IO)
Each integer output divider is made up of a continuous 10-b counter. The output buffer itself contributes only little
to the total device output jitter due to a low output buffer phase noise floor. The typical output phase noise floor
at an output frequency of 122.88 MHz at 20 MHz offset from the carrier measures: LVCMOS: -157.8 dBc/Hz,
LVDS: -158 dBc/Hz, LVPECL: -158.25 dBc/Hz, HCSL: -160 dBc/Hz. Therefore, the overall contribution of the
output buffer to the total jitter is approximately 50 fs-rms (12 k - 20 MHz). An actual measurement of phase noise
floor with different output frequencies for one nominal until yielded the following:
Table 8.
fOUT
LVDS (Y0)
PECL (Y0)
CML (Y0)
HCSL (Y4)
CMOS 3p3V (Y7)
737.28 MHz
-154.0 dBc/Hz
-154.8 dBc/Hz
-154.4 dBc/Hz
-153.1 dBc/Hz
-150.9 dBc/Hz
368.64 MHz
-157.0 dBc/Hz
-155.8 dBc/Hz
-156.4 dBc/Hz
-153.9 dBc/Hz
-153.1 dBc/Hz
184.32 MHz
-157.3 dBc/Hz
-158.6 dBc/Hz
158.1 dBc/Hz
-154.7 dBc/Hz
-156.2 dBc/Hz
92.16 MHz
-161.2 dBc/Hz
-161.6 dBc/Hz
-161.4 dBc/Hz
-155.2 dBc/Hz
-159.4 dBc/Hz
46.08 MHz
-162.2 dBc/Hz
-165.0 dBc/Hz
-163.0 dBc/Hz
-154.0 dBc/Hz
-162.8 dBc/Hz
FRACTIONAL Output Divider (FOD)
The CDCM6208 incorporates a fractional output divider on Y[7:4], allowing these outputs to run at non-integer
output divide ratios of the PLL frequencies. This feature is useful when systems require different, unrelated
frequencies. The fractional output divider architecture is shown in Figure 35.
Figure 35. Fractional Output Divider Principle Architecture (Simplified Graphic, not Showing Output
Divider Bypass Options)
36
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com