Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZT Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 35 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 31Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 32Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 33Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 34Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 35Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 36Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 37Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 38Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 78 page
background image
ELF
R2
C2
C1
R3
C3
CDCM6208
www.ti.com
SCAS931A – MAY 2012 – REVISED JUNE 2012
PRESCALER DIVIDERS (PS_A, PS_B)
The prescaler (PS) dividers are fed by the output of the VCO and are distributed to the output dividers (PS_A to
the dividers for Outputs 0, 1, 4, and 5 and PS_B to the dividers for Outputs 2, 3, 6, and 7. PS_A also completes
the PLL as it also drives the input of the Feedback Divider (N).
PHASE FREQUENCY DETECTOR (PFD)
The PFD takes inputs from the Smart Input MUX output and the feedback divider output and produces an output
that is dependent on the phase and frequency difference between the two inputs. The allowable range of
frequencies at the inputs of the PFD is from 8 kHz to 100 MHz.
CHARGE PUMP (CP)
The charge pump is controlled by the PFD which dictates either to pump up or down in order to charge or
discharge the integrating section of the on-chip loop filter. The integrated and filtered charge pump current is then
converted to a voltage that drives the control voltage node of the internal VCO through the loop filter. The range
of the charge pump current is from 500 µA to 4 mA.
Programmable Loop Filter
The on-chip PLL supports a partially internal and partially external loop filter configuration for all PLL loop
bandwidths where the passive external components C1, C2, and R2 are connected to the ELF pin as shown in
Figure 34 to achieve PLL loop bandwidths from 400 kHz down to 10 Hz.
Figure 34. CDCM6208 PLL Loop Filter Topology
Loop filter Component Selection
The loop filter setting and external resistor selection is important to set the PLL to best possible bandwidth and to
minimize jitter. A high bandwidth (
≥ 100 kHz) provides best input signal tracking and is therefore desired with a
clean input reference (synthesizer mode). A low bandwidth (
≤ 1 kHz) is desired if the input signal quality is
unknown (jitter cleaner mode). TI provides a software tool that makes it easy to select the right loop filter
components. C1, R2, and C2 are external loop filter components, connected to the ELF pin. The 3 rd pole of the
loop filter is device internal with R3 and C3 register selectable.
Device output signaling
LVDS-like: All outputs Y[7:0] support LVDS-like signaling. The actual output stage uses a CML structure and
drives a signal swing identical to LVDS (~350mV). The output slew rate is faster than standard LVDS for best
jitter performance. The LVDS-like outputs should be AC-coupled when interfacing to a LVDS receiver. See
reference schematic Figure 56 for an example. The supply voltage for outputs configured LVDS can be selected
freely between 1.8 V and 3.3 V.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com