Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZT Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 34 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 30Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 31Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 32Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 33Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 34Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 35Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 36Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 37Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
CDCM6208
SCAS931A – MAY 2012 – REVISED JUNE 2012
www.ti.com
Universal INPUT Buffer (PRI_REF, SEC_REF)
The universal input buffers support multiple signaling formats (LVDS, CML or LVCMOS) and these require
external termination schemes. The secondary input buffer also supports crystal inputs and Table 28 provides the
characteristics of the crystal that can be used. Both inputs incorporate hysteresis.
VCO CALIBRATION
The LC VCO is designed using high-Q monolithic inductors and has low phase noise characteristics. The VCO of
the CDCM6208 must be calibrated to ensure that the clock outputs deliver optimal phase noise performance.
Fundamentally, a VCO calibration establishes an optimal operating point within the tuning range of the VCO.
While transparent to the user, the CDCM6208 and the host system perform the following steps comprising a
VCO calibration sequence:
1. Normal Operation- When the CDCM6208 is in normal (operational) mode, the state of both the power down
pin (PDN) and reset pin (RESETN) is high.
2. Entering the reset state – If the user wishes to restore all device defaults and initiate a VCO calibration
sequence, then the host system must place the device in reset via the PDN pin, via the RESETN pin, or by
removing and restoring device power. Pulling either of these pins low places the device in the reset state.
Holding either pin low holds the device in reset.
3. Exiting the reset state – The device calibrates the VCO either by exiting the device reset state or through
the device reset command initiated via the host interface. Exiting the reset state occurs automatically after
power is applied and/or the system restores the state of the PDN or RESETN pins from the low to high state.
Exiting the reset state using this method causes the device defaults to be loaded/reloaded into the device
register bank. Invoking a device reset via the register bit does not restore device defaults; rather, the device
retains settings related to the current clock frequency plan. Using this method allows for a VCO calibration
for a frequency plan other than the default state (i.e. the device calibrates the VCO based on the settings
contained within the register bank at the time that the register bit is accessed). The nominal state of this bit is
low. Writing this bit to a high state and then returning it to the low state invokes a device reset without
restoring device defaults.
4. Device stabilization – After exiting the reset state as described in Step 3, the device monitors internal
voltages and starts a reset timer. Only after internal voltages are at the correct level and the reset time has
expired will the device initiate a VCO calibration. This ensures that the device power supplies and phase
locked loops have stabilized prior to calibrating the VCO.
5. VCO Calibration – The CDCM6208 calibrates the VCO. During the calibration routine, the device holds all
outputs in reset so that the CDCM6208 generates no spurious clock signals.
REFERENCE DIVIDER (R)
The reference (R) divider is a continuous 4-b counter (1 – 16) that is present on the primary input before the
Smart Input MUX. It is operational in the frequency range of 8 kHz to 250 MHz. The output of the R divider sets
the input frequency for the Smart MUX and the auto switch capability of the Smart MUX can then be employed
as long as the secondary input frequency is no more than ± 20% different from the output of the R divider.
INPUT DIVIDER (M)
The input (M) divider is a continuous 14-b counter (1 – 16384) that is present after the Smart Input MUX. It is
operational in the frequency range of 8 kHz to 250 MHz. The output of the M divider sets the PFD frequency to
the PLL and should be in the range of 8 kHz to 100 MHz.
FEEDBACK DIVIDER (N)
The feedback (N) divider is made up of cascaded 8-b counter divider (1 – 256) followed by a 10-b counter divider
(1 – 1024) that are present on the feedback path of the PLL. It is operational in the frequency range of 8 kHz to
800 MHz. The output of the N divider sets the PFD frequency to the PLL and should be in the range of 8 kHz to
100 MHz. The frequency out of the first divider is required to be less than or equal to 200 MHz to ensure proper
operation.
34
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com