Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZT Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 29 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 25Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 26Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 27Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 28Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 29Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 30Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 31Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 32Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
RESET=low
CDCM6208
Step 1
SPI or I2C
Master
GPO
Configure
Registers
0 to 21
CDCM6208
Step 2
SPI or I2C
Master
GPO
Release
RESET
50k
DVDD
RESET=high
50k
DVDD
Register
Space
Register
Space
CDCM6208
www.ti.com
SCAS931A – MAY 2012 – REVISED JUNE 2012
Figure 28. Reset Pin Control During Register Loading
POWER DOWN
When PDN pin = 1, the device functions in the normal operating mode. There is also a register bit which should
indicate that when PDN pin = 0, the device enters a complete power down mode or enters a standby mode
(normal device operation with lower power). When this register bit is set to 0 and PDN = 0, the device shuts
down completely with a current consumption of no more than 1mA from the entire device. When this register bit
is set to 1 and PDN = 0, the output MUX and the output buffer of one of the two outputs that share the same
integer divider (a total of two output MUX-es and two output buffers) are shut down.
Device Power up timing:
Before the device outputs turn on after power up, the device goes through the following initialization routine:
Table 6.
Step
Duration
Comments
Depends on customer supply
The POR monitor holds the device in power-down or reset until the
Step 1: Power up ramp
ramp time
VDD supply voltage reaches 1.06 V (min) to 1.26 V (max)
Depends on XTAL. Could be
This step assumes RESETN = 1 and PDN = 1.The XTAL startup
several ms;
time is the time it takes for the XTAL to oscillate with sufficient
Step 2: XO startup (if crystal is
For NX3225GA 25 MHz typical
amplitude. The CDCM6208 has a built-in amplitude detection circuit,
used)
XTAL startup time measures 200
and holds the device in reset until the XTAL stage has sufficient
µs.
swing.
This counter of 64 k clock cycles needs to expire before any further
power-up step is done inside the device. This counter ensures that
64k Reference clock cycles at
Step 3: Ref Clock Counter
the input to the PFD from PRI or SEC input has stabilized in
PFD input
frequency. The duration of this step can range from 640 µs (fPFD=
100 MHz) to 8 sec (8 kHz PFD).
64k FBCLK cycles with CW=32;
The duration is similar to Step 3,
or can be more accurately
The Feedback counter delays the startup by another 64k PFD clock
estimated as:
cycles. This is so that all counters are well initialized and also ensure
Step 4: FBCLK counter
V1: approximately 64k x PS_A x
additional timing margin for the reference clock to settle. This step
N/2.48 GHz
can range from 640 µs (fPFD= 100 MHz) to 8 sec (fPFD= 8kHz).
V2: approximately 64k x PS_A x
N/3.05 GHz
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com