Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZT Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 28 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 24Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 25Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 26Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 27Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 28Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 29Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 30Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 31Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
PDN =1?
No
SPI Mode
(activate SPI IF)
SI_MODE1
SI_MODE0
10
00
01
I2C Mode
(activate I2C IF)
Pin Mode
latch PIN0 to PIN4, and PWR
load device registers with defaults; registers
are customer programmable through serial IF
wait for selected reference input
signal (PRI/SEC) to become valid
Configure all device settings
Calibrate VCO
Enter Pin Mode specified by the
PINx and PWR
PDN=1?
Normal device operation in PIN
mode
Yes
PDN=1?
Normal device operation in HOST
mode
Yes
wait for selected reference input
signal (PRI/SEC) to become valid
Calibrate VCO
Synchronize outputs
Enable all outputs
RESETN =1?
No
SYNCN=1?
No
Disable
all
outputs
Disable
all
outputs
SYNCN =1?
No
RESETN=1?
No
Disable
all
outputs
SYNCN=1?
No
Synchronize outputs
Enable outputs
SYNCN =1?
No
Disable
all
outputs
(all outputs are disabled)
Power on
Reset
CDCM6208
SCAS931A – MAY 2012 – REVISED JUNE 2012
www.ti.com
Figure 27. Device Power up and Configuration
Preventing false output frequencies in SPI/I2C mode at startup:
Some systems require a custom configuration and cannot tolerate any output to start up with a wrong frequency.
Holding RESET low at power-up until the device is fully configured keeps all outputs disabled. The device
calibrates automatically after RESET becomes released and starts out with the desired output frequency.
28
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com