Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH487P Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # SFH487P
Description  GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH487P Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SFH487P Datasheet HTML 1Page - Siemens Semiconductor Group SFH487P Datasheet HTML 2Page - Siemens Semiconductor Group SFH487P Datasheet HTML 3Page - Siemens Semiconductor Group SFH487P Datasheet HTML 4Page - Siemens Semiconductor Group SFH487P Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Semiconductor Group
1
1997-11-01
Wesentliche Merkmale
q
GaAIAs-IR-Lumineszenzdiode, hergestellt
im Schmelzepitaxieverfahren
q
Hohe Zuverlässigkeit
q
Enge Toleranz: Chipoberfläche/
Bauteiloberkante
q
Hohe Impulsbelastbarkeit
q
Gute spektrale Anpassung an
Si-Fotoempfänger
q
Sehr plane Oberfläche
q
Gehäusegleich mit SFH 309
Anwendungen
q
Lichtschranken für Gleich- und
Wechsellichtbetrieb bis 500 kHz
q
LWL
Features
q
GaAIAs infrared emitting diode, fabricated in
a liquid phase epitaxy process
q
High reliability
q
Small tolerance: Chip surface to case
surface
q
High pulse handling capability
q
Good spectral match to silicon
photodetectors
q
Plane surface
q
Same package as SFH 309
Applications
q
Photointerrupters
q
Fibre optic transmission
GaAIAs-IR-Lumineszenzdiode (880 nm)
GaAIAs Infrared Emitter (880 nm)
SFH 487 P
Typ
Type
Bestellnummer
Ordering Code
Gehäuse
Package
SFH 487 P
Q62703-Q517
3-mm-LED-Gehäuse, plan, klares violettes Epoxy-
Gie
βharz, Anschlüsse im 2.54-mm-Raster (1/10’’),
Anodenkennzeichnung: kürzerer Anschlu
β
3 mm LED package (T 1), plane, violet-colored trans-
parent epoxy resin, solder tabs lead spacing 2.54 mm
(1/10’’), anode marking: short lead
Ma
βe in mm, wenn nicht anders angegeben/Dimensions in mm, unless otherwise specified.
1.8
1.2
29
27
4.5
4.0
3.5
2.0
1.7
3.1
2.5
0.6
0.4
4.0
3.6
0.6
0.4
Approx. weight 0.3 g
Chip position
Area not flat
GEX06308
Cathode


Similar Part No. - SFH487P

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH487P OSRAM-SFH487P Datasheet
141Kb / 8P
GaAIAs-IR-Lumineszenzdiode (880 nm)
logo
Siemens Semiconductor G...
SFH487P-1 SIEMENS-SFH487P-1 Datasheet
147Kb / 2P
GaAlAs INFRARED EMITTER
SFH487P-2 SIEMENS-SFH487P-2 Datasheet
147Kb / 2P
GaAlAs INFRARED EMITTER
More results

Similar Description - SFH487P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH4580 SIEMENS-SFH4580 Datasheet
60Kb / 6P
GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
SFH480 SIEMENS-SFH480 Datasheet
66Kb / 7P
GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
SFH484 SIEMENS-SFH484 Datasheet
48Kb / 5P
GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
SFH485P SIEMENS-SFH485P Datasheet
45Kb / 4P
GaAIAs Infrared Emitter (880 nm)
SFH486 SIEMENS-SFH486 Datasheet
38Kb / 4P
GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
SFH487 SIEMENS-SFH487 Datasheet
42Kb / 5P
GaAIAs-IR-Lumineszenzdiode 880nm GaAIAs Infrared Emitter 880 nm
logo
OSRAM GmbH
SFH486 OSRAM-SFH486 Datasheet
143Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm)
SFH487P OSRAM-SFH487P Datasheet
141Kb / 8P
GaAIAs-IR-Lumineszenzdiode (880 nm)
logo
OSA Opto Light GmbH
SFH7221-Z OSA-SFH7221-Z Datasheet
85Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor GaAlAs-Infrared-Emitter (880 nm) and Si-Phototransistor
logo
OSRAM GmbH
SFH485P OSRAM-SFH485P Datasheet
187Kb / 13P
GaAlAs Infrared Emitter (880 nm)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com