Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9633 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9633
Description  Quad, 12-Bit, 80 MSPS/105 MSPS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9633 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9633 Datasheet HTML 16Page - Analog Devices AD9633 Datasheet HTML 17Page - Analog Devices AD9633 Datasheet HTML 18Page - Analog Devices AD9633 Datasheet HTML 19Page - Analog Devices AD9633 Datasheet HTML 20Page - Analog Devices AD9633 Datasheet HTML 21Page - Analog Devices AD9633 Datasheet HTML 22Page - Analog Devices AD9633 Datasheet HTML 23Page - Analog Devices AD9633 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
AD9633
Data Sheet
Rev. 0 | Page 20 of 40
1,200,000
1,000,000
400,000
600,000
800,000
200,000
0
N – 2
N – 1
N + 1
N + 2
N
CODE
0.25 LSB rms
Figure 42. Input-Referred Noise Histogram, fSAMPLE = 125 MSPS
100
0
110
FREQUENCY (MHz)
10
20
30
40
50
60
70
80
90
AVDD
DRVDD
Figure 43. PSRR vs. Frequency, fCLK = 125 MHz, fSAMPLE = 125 MSPS
105
65
20
40
60
80
100
120
SAMPLE FREQUENCY (MSPS)
70
75
80
85
90
95
100
SNRFS
SFDR
Figure 44. SNR/SFDR vs. Encode, fIN = 9.7 MHz, fSAMPLE = 125 MSPS
105
65
20
40
60
80
100
120
SAMPLE FREQUENCY (MSPS)
70
75
80
85
90
95
100
SNRFS
SFDR
Figure 45. SNR/SFDR vs. Encode, fIN = 70 MHz, fSAMPLE = 125 MSPS


Similar Part No. - AD9633

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9633 AD-AD9633 Datasheet
1Mb / 42P
125 MSPS, Serial LVDS 1.8 V ADC
AD9633-125EBZ AD-AD9633-125EBZ Datasheet
1Mb / 42P
125 MSPS, Serial LVDS 1.8 V ADC
AD9633BCPZ-105 AD-AD9633BCPZ-105 Datasheet
1Mb / 42P
125 MSPS, Serial LVDS 1.8 V ADC
AD9633BCPZ-125 AD-AD9633BCPZ-125 Datasheet
1Mb / 42P
125 MSPS, Serial LVDS 1.8 V ADC
AD9633BCPZ-80 AD-AD9633BCPZ-80 Datasheet
1Mb / 42P
125 MSPS, Serial LVDS 1.8 V ADC
More results

Similar Description - AD9633

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
12-Bit, 80 MSPS/105 MSPS ADC
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9253 AD-AD9253 Datasheet
1Mb / 40P
Quad, 14-Bit, 80 MSPS/105 MSPS/125 MSPS
REV. 0
AD9627 AD-AD9627_15 Datasheet
2Mb / 76P
12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS
REV. B
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432 AD-AD9432 Datasheet
498Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
AD9255BCPZRL7-80 AD-AD9255BCPZRL7-80 Datasheet
1Mb / 44P
14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com